Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC876IPWLE Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC876IPWLE
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876IPWLE Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC876IPWLE Datasheet HTML 14Page - Texas Instruments TLC876IPWLE Datasheet HTML 15Page - Texas Instruments TLC876IPWLE Datasheet HTML 16Page - Texas Instruments TLC876IPWLE Datasheet HTML 17Page - Texas Instruments TLC876IPWLE Datasheet HTML 18Page - Texas Instruments TLC876IPWLE Datasheet HTML 19Page - Texas Instruments TLC876IPWLE Datasheet HTML 20Page - Texas Instruments TLC876IPWLE Datasheet HTML 21Page - Texas Instruments TLC876IPWLE Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
ac considerations
(continued)
_
+
5 V
C3
0.1
µF
_
+
C4
0.1
µF
C1
0.1
µF
REFT
REFB
REFTS
REFTF
REFBS
REFBF
TLC876
C2
0.1
µF
Figure 20. Kelvin Connection Reference Using an Operational Amplifier
With Unlimited Capacitive Load Drive Capability
Figure 21 shows a circuit using a dual operational amplifier with unlimited capacitive load drive. The operational
amplifier should provide stable 3.6 V and 1.6 V reference voltages for REFTF and REFBF, respectively. The
amplifier must be able to maintain stability while driving unlimited capacitive loads, so the 0.1
µF capacitors C1
and C2 can connect directly to the outputs of the operational amplifiers, which reduces high frequency
transients. Capacitors C3 and C4 shunt across the internal resistors of the force-sense connections and prevent
instability. The stability of any operational amplifier used must be examined closely when driving capacitive
loads.
_
+
1
µF
_
+
REFT
REFB
REFTS
REFTF
REFBS
REFBF
TLC876
0.1
µF
1
µF
0.1
µF
10 k
Ω
10
Ω
10 k
Ω
10
Ω
A†
† This device is 1/2 of a TLV2442. The TLV2442 is a rail-to-rail output dual operational
amplifier.
A†
10 k
Ω
0.1
µF
10 k
Ω
0.1
µF
Figure 21. Kelvin Connection Reference Using an Operational Amplifier
With Unlimited Capacitive Load Drive Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com