Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC876IPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC876IPWR
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876IPWR Datasheet(HTML) 3 Page - Texas Instruments

  TLC876IPWR Datasheet HTML 1Page - Texas Instruments TLC876IPWR Datasheet HTML 2Page - Texas Instruments TLC876IPWR Datasheet HTML 3Page - Texas Instruments TLC876IPWR Datasheet HTML 4Page - Texas Instruments TLC876IPWR Datasheet HTML 5Page - Texas Instruments TLC876IPWR Datasheet HTML 6Page - Texas Instruments TLC876IPWR Datasheet HTML 7Page - Texas Instruments TLC876IPWR Datasheet HTML 8Page - Texas Instruments TLC876IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
equivalent input and output circuits
DVDD
DGND
DRVDD
DRGND
DVDD
DRVDD
DGND
DRGND
AVDD
AGND
AVDD
AVSS
AVDD
AGND
30
29
REFTF
REFTS
Internal Reference
Voltage
AVDD
AGND
AVDD
AVSS
34
35
REFBF
REFBS
Internal Reference
Voltage
D0–D9 OUTPUT CIRCUIT
ALL DIGITAL INPUT CIRCUITS
AIN INPUT CIRCUIT
REFERENCE INPUT CIRCUIT
D0–D9
CLK
AIN
0.5 pF typ
30
Ω typ
0.3 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com