Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1131REF Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS1131REF
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1131REF Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1131REF Datasheet HTML 10Page - Texas Instruments ADS1131REF Datasheet HTML 11Page - Texas Instruments ADS1131REF Datasheet HTML 12Page - Texas Instruments ADS1131REF Datasheet HTML 13Page - Texas Instruments ADS1131REF Datasheet HTML 14Page - Texas Instruments ADS1131REF Datasheet HTML 15Page - Texas Instruments ADS1131REF Datasheet HTML 16Page - Texas Instruments ADS1131REF Datasheet HTML 17Page - Texas Instruments ADS1131REF Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Using the PC Software
www.ti.com
Power-down mode: When ENT or SEL is pressed on this screen, the ADS1x31REF causes the installed
ADS device to enter power-down mode. This action occurs by pulling the PDWN line low. While the
PDWN line is low, the display reads POWER DN. When a button is pressed from this display, the
ADS1x31REF powers the converter on and returns to the analysis display, exiting configuration mode.
This mode can be used to test the current consumption of the board when the installed ADS device is
powered down.
Version number: This screen displays the version number of the ADS1x31REF firmware.
4
Using the PC Software
The ADS1x31REF is supplied with software that performs various analyses on data received from the
board via the USB connection. It also provides a means of recording received data to a file.
The program currently runs only on a Microsoft Windows® platform. In Windows, the program
communicates with the ADS1x31REF using a virtual COM port driver that causes the USB connection to
appear to Windows as a normal serial port. The necessary driver is installed with the EVM software.
4.1
Installation and Setup
The ADS1x31REF software is distributed in an installer program called
ADS1x3x-setup-withLVRT-1.3.0.exe
(the version number in the file name may differ), distributed on the
CD-ROM or available from Texas Instruments. To install the software, execute this program. The program
guides you through the installation process.
Note the following points:
•
The installer installs two packages: the ADS1x3xREF program itself, and the TI Virtual COM Port
driver.
•
If any version of the ADS1x3xREF program is already installed, the installer uninstalls it and quits. You
must run the installer again to complete the installation.
•
If the Virtual COM Port driver is already installed, the installer offers to uninstall it. Do not uninstall it;
cancel this part of the installation.
The installer displays messages reminding you of these points.
4.1.1
First Time Connection of the ADS1x3xREF
If the ADS1x31REF has never been connected to your computer before, Windows detects the device as
unknown hardware and takes you through a series of dialogs to install the correct driver. Accept the
default settings; the driver is present and only needs to be copied to the correct location. If the driver is
successfully installed, Windows does not issue this prompt again.
On some computers, if the board is connected to a different USB port, the operating system detects the
board as new hardware. If this action occurs, proceed through the new hardware dialogs as usual, and
allow Windows to reinstall the driver.
4.2
The Display
The ADS1x31REF software has a single display; see Figure 6 for a typical display. The major elements of
the display discussed next.
Strip chart: This feature displays a scrolling graph of data received from the board.
Histogram: A sliding histogram of data received from the board is also displayed. The number of points
used in the analysis is adjustable.
DC analysis section: The results of RMS noise analysis, peak-to-peak analysis, and a running voltage
number are shown in this section. The number of analysis points and the reference voltage used for
voltage calculations are also adjustable here.
Recording section: This feature controls recording of data to a file.
Device control section: This section allows device parameters to be adjusted.
14
ADS1131REF and ADS1231REF
SBAU175A
– July 2010 – Revised August 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com