Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1701ASAL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1701ASAL
Description  MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1701ASAL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1701ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD1701ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD1701ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD1701ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD1701ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD1701ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD1701ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD1701ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD1701ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.1 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
The ALD1701A/ALD1701B/ALD1701/ALD1701G is a monolithic CMOS
micropower high slew rate operational amplifier intended for a broad
range of analog applications using ±1V to ±5V dual power supply
systems, as well as +2V to +10V battery operated systems. All device
characteristics are specified for +5V single supply or ±2.5V dual supply
systems. Supply current is 250µA maximum at 5V supply voltage. It is
manufactured with Advanced Linear Devices' enhanced ACMOS silicon
gate CMOS process.
The ALD1701A/ALD1701B/ALD1701/ALD1701G is designed to offer a
trade-off of performance parameters providing a wide range of desired
specifications. It has been developed specifically for the +5V single
supply or ±1V to ±5V dual supply user and offers the popular industry
standard pin configuration of µA741 and ICL7611 types.
Several important characteristics of the device make application easier to
implement at those voltages. First, the operational amplifier can operate
with rail to rail input and output voltages. This means the signal input
voltage and output voltage can be equal to the positive and negative
supply voltages. This feature allows numerous analog serial stages and
flexibility in input signal bias levels. Second, the device was designed to
accommodate mixed applications where digital and analog circuits may
operate off the same power supply or battery. Third, the output stage can
typically drive up to 50pF capacitive and 10KΩ resistive loads.
These features, combined with extremely low input currents, high open
loop voltage gain of 100V/mV, useful bandwidth of 700KHz, a slew rate
of 0.7V/µs, low power dissipation of 0.5mW, low offset voltage and
temperature drift, make the ALD1701 a versatile, micropower operational
amplifier.
The ALD1701A/ALD1701B/ALD1701/ALD1701G, designed and fabri-
cated with silicon gate CMOS technology, offers 1pA typical input bias
current. On chip offset voltage trimming allows the device to be used
without nulling in most applications. Additionally, robust design and
rigorous screening make this device especially suitable for operation in
temperature-extreme environments and rugged conditions.
FEATURES
• All parameters specified for +5V single
supply or ±2.5V dual supply systems
• Rail to rail input and output voltage ranges
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
1.0pA typical (30pA max.)
• Ideal for high source impedance applications
• Dual power supply ±1.0V to ±5.0V operation
• Single power supply +2.0V to +10.0V
operation
• High voltage gain -- typically 100V/mV
@ ±2.5V(100dB)
• Drive as low as 10KΩ load
• Output short circuit protected
• Unity gain bandwidth of 0.7MHz
• Slew rate of 0.7V/µs
• Low power dissipation
• Suitable for rugged, temperature-extreme
environments
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A/ALD1701B
ALD1701/ALD1701G
ADVANCED
LINEAR
DEVICES, INC.
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
PIN CONFIGURATION
* N/C pins are internally connected. Do not connect externally.
1
2
2
3
4
8
7
6
5
N/C
-IN
+IN
N/C
OUT
N/C
V-
V+
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to 125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD1701ASAL
ALD1701APAL
ALD1701ADA
ALD1701BSAL
ALD1701BPAL
ALD1701BDA
ALD1701SAL
ALD1701PAL
ALD1701DA
ALD1701GSAL
ALD1701GPAL
ALD1701GDA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
TOP VIEW
SAL, PAL, DA PACKAGES


Similar Part No. - ALD1701ASAL

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1701ASAL ADL-ALD1701ASAL Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results

Similar Description - ALD1701ASAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1706A ALD-ALD1706A Datasheet
44Kb / 6P
ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A_10 Datasheet
82Kb / 9P
ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
ALD1706A ADL-ALD1706A Datasheet
77Kb / 9P
ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com