Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2301APAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD2301APAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2301APAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD2301APAL Datasheet HTML 1Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 2Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 3Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 4Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 5Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 6Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 7Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ALD2301A/ALD2301B/ALD2301C/ALD2301
Advanced Linear Devices
3 of 7
TYPICAL PERFORMANCE CHARACTERISTICS
SATURATION VOLTAGE vs.
SINK CURRENT
OUTPUT SINK CURRENT (mA)
0
1530
4560
75
1.5
1.2
0.9
0.6
0.3
0.0
VS = ±2.5V
-55°C
25°C
-25°C
85°C
125°C
0.4
0.0
0.2
0.6
0.8
1.0
1.2
1.4
TIME (
µS)
-2.5
0.0
+2.5
0
100
≈
≈
TA = 25°C
VS = ±2.5V
2mV
10mV
20mV
50mV
5mV
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
5.1K
0V
VIN
V+
V-
VOUT
+
-
SATURATION VOLTAGE
vs.TEMPERATURE
TEM PERATURE (°C)
-55
-25
0
25
50
125
100
75
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VS = ± 2.5V
ISINK = 50mA
TRANSFER FUNCTION
DIFFERENTIAL INPUT VOLTAGE (mV)
+6.0
-6.0
0.0
+2.5
0.0
-2.5
TA = 25°C
VS = ±6V
RL = 5.1K
TIM E (µs)
0.0
0.2
0.4
0.8
0.6
1.2
1.0
1.4
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
+2.5
100
0
0.0
-2.5
≈
≈
TA = 25°C
VS = ±2.5V
50mV
20mV
5mV
10mV
2mV
5.1K
0V
VIN
V+
V-
VOUT
+
-
COMMON - MODE VOLTAGE REFERRED
TO SUPPLY VOLTAGE
TEMPERATURE (°C)
0.5
V+
-0.5
-1.0
0.5
V-
-0.5
-55
-25
0
25
50
125
100
75
≈
≈
VS = ± 2.5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com