Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2332ASAL Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2332ASAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2332ASAL Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2332ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ALD2332A/ALD2332B/ALD2332
Advanced Linear Devices
4 of 11
-55
-25
0
25
50
75
100
125
0
1
10
100
1000
V+ = +5V
INPUT BIAS CURRENT vs. TEMPERATURE
AMBIENT TEMPERATURE (
0C)
LOW LEVEL OUTPUT VOLTAGE
vs. TEMPERATURE
0.5
0.4
0.3
0.2
0.1
0.0
AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
125
100
75
V
+
= +3.5V
V
+
= +5V
V
+
= +10V
ISINK = 12mA
VINPUT = 1V
Differential
SATURATION VOLTAGE vs. SINK CURRENT
OUTPUT SINK CURRENT (mA)
0
15
30
45
60
75
3.0
2.0
1.0
0.0
2.5
1.5
0.5
V
+
= +5V
TA = 125
0C
TA = -55
0C
TA = 85
0C
TA = 25
0C
TA = -25
0C
HIGH LEVEL OUTPUT VOLTAGE vs.
TEMPERATURE
8.0
6.0
4.0
0.0
AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
125
100
75
2.0
10.0
V+ = +10V
V+ = +5V
V+ = +4V
IOH = -2mA
INPUT OFFSET VOLTAGE vs. TEMPERATURE
0.4
0.0
-0.4
0.8
-0.8
-1.2
1.2
-2.0
-55
-25
0
25
50
125
100
75
AMBIENT TEMPERATURE (°C)
-1.6
2.0
1.6
RL = 5.1KΩ
V
+
= +5V
V
+
= +2.5V
6
8
10
12
4
2
SUPPLY VOLTAGE (V)
OUTPUT LOW VOLTAGE
vs. SUPPLY VOLTAGE
TA = 25°C
IOL= 12mA
0.0
0.2
0.4
0.5
0.6
0.1
0.3
TYPICAL PERFORMANCE CHARACTERISTICS (cont'd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com