Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2721EPB Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD2721EPB
Description  DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2721EPB Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD2721EPB Datasheet HTML 2Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 3Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 4Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 5Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 6Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 7Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 8Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 9Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 10Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ALD2721E/ALD2721
Advanced Linear Devices
6 of 13
DEFINITIONS AND DESIGN NOTES:
1. Initial Input Offset Voltage is the initial offset voltage of the
ALD2721E/ALD2721 operational amplifier when shipped from
the factory. The device has been pre-programmed and tested
for programmability.
2. Offset Voltage Program Range is the range of adjustment of
user specified target offset voltage. This is typically an adjust-
ment in either the positive or the negative direction of the input
offset voltage from an initial input offset voltage. The input offset
programming pins, VE1A/VE1B or VE2A/VE2B, change the
input offset voltage in the negative or positive direction, for each
of the amplifiers, A or B respectively. User specified target offset
voltage can be any offset voltage within this programming
range.
3. Programmed Input Offset Voltage Error is the final offset
voltage error after programming when the Input Offset Voltage
is at target Offset Voltage. This parameter is sample tested.
4. Total Input Offset Voltage is the same as Programmed Input
Offset Voltage, corrected for system offset voltage error. Usu-
ally this is an all inclusive system offset voltage, which also
includes offset voltage contributions from input offset voltage,
PSRR, CMRR, TCVOS and noise. It can also include errors
introduced by external components, at a system level. Pro-
grammed Input Offset Voltage and Total Input Offset Voltage is
not necessarily zero offset voltage, but an offset voltage set to
compensate for other system errors as well. This parameter is
sample tested.
5. The Input Offset and Bias Currents are essentially input
protection diode reverse bias leakage currents. This low input
bias current assures that the analog signal from the source will
not be distorted by it. For applications where source impedance
is very high, it may be necessary to limit noise and hum pickup
through proper shielding.
6. Input Voltage Range is determined by two parallel comple-
mentary input stages that are summed internally, each stage
having a separate input offset voltage. While Total Input Offset
Voltage can be trimmed to a desired target value, it is essential
to note that this trimming occurs at only one user selected input
bias voltage. Depending on the selected input bias voltage
relative to the power supply voltages, offset voltage trimming
may affect one or both input stages.
For the
ALD2721E/
ALD2721, the switching point between the two stages occurs at
approximately 1.5V below the positive supply voltage.
7. Input Offset Voltage Drift is the average change in Total Input
Offset Voltage as a function of ambient temperature. This
parameter is sample tested.
8. Initial PSRR and initial CMRR specifications are provided as
reference information. After programming, error contribution to
the offset voltage from PSRR and CMRR is set to zero under the
specific power supply and common mode conditions, and
becomes part of the Programmed Input Offset Voltage Error.
9. Average Long Term Input Offset Voltage Stability is based on
input offset voltage shift through operating life test at 125
°C
extrapolated to TA = 25
°C, assuming activation energy of 1.0eV.
This parameter is sample tested.
ADDITIONAL DESIGN NOTES:
A. The
ALD2721E/ALD2721 is internally compensated for
unity gain stability using a novel scheme which produces a single
pole role off in the gain characteristics while providing more than
70 degrees of phase margin at unity gain frequency. A unity gain
buffer using the
ALD2721E/ALD2721 will typically drive 50pF
of external load capacitance.
B. The
ALD2721E/ALD2721 has complementary p-channel
and n-channel input differential stages connected in parallel to
accomplish rail-to-rail input common mode voltage range. The
switching point between the two differential stages is 1.5V below
positive supply voltage.
For applications such as inverting
amplifiers or non-inverting amplifiers with a gain larger than 2.5
(5V operation), the common mode voltage does not make
excursions below this switching point. However, this switching
does take place if the operational amplifier is connected as a rail-
to-rail unity gain buffer and the design must allow for input offset
voltage variations.
C. The output stage consists of class AB complementary output
drivers. The oscillation resistant feature, combined with the rail-
to-rail input and output feature, makes the
ALD2721E/
ALD2721 an effective analog signal buffer for high source
impedance sensors, transducers, and other circuit networks.
D. The
ALD2721E/ALD2721 has static discharge protection.
However, care must be exercised when handling the device to
avoid strong static fields that may degrade a diode junction,
causing increased input leakage currents. The user is advised
to power up the circuit before, or simultaneously with, any input
voltages applied and to limit input voltages not to exceed 0.3V of
the power supply voltage levels.
E. VExx are high impedance terminals, as the internal bias
currents are set very low to a few microamperes to conserve
power. For some applications, these terminals may need to be
shielded from external coupling sources. For example, digital
signals running nearby may cause unwanted offset voltage
fluctuations. Care during the printed circuit board layout, to
place ground traces around these pins and to isolate them from
digital lines, will generally eliminate such coupling effects. In
addition, optional decoupling capacitors of 1000pF or greater
value can be added to VExx terminals.
F. The
ALD2721E/ALD2721 is designed for use in low voltage,
micropower circuits. The maximum operating voltage during
normal operation should remain below 10V at all times. Care
should be taken to insure that the application in which the device
is used does not experience any positive or negative transient
voltages that will cause any of the terminal voltages to exceed
this limit.
G. All inputs or unused pins except VExx pins should be
connected to a supply voltage such as Ground so that they do not
become floating pins, since input impedance at these pins is very
high. If any of these pins are left undefined, they may cause
unwanted oscillation or intermittent excessive current drain. As
these devices are built with CMOS technology, normal operating
and storage temperature limits, ESD and latchup handling
precautions pertaining to CMOS device handling should be
observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com