Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETA1500APGE Datasheet(PDF) 10 Page - Texas Instruments

Part # TNETA1500APGE
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500APGE Datasheet(HTML) 10 Page - Texas Instruments

Back Button TNETA1500APGE Datasheet HTML 2Page - Texas Instruments TNETA1500APGE Datasheet HTML 3Page - Texas Instruments TNETA1500APGE Datasheet HTML 4Page - Texas Instruments TNETA1500APGE Datasheet HTML 5Page - Texas Instruments TNETA1500APGE Datasheet HTML 6Page - Texas Instruments TNETA1500APGE Datasheet HTML 7Page - Texas Instruments TNETA1500APGE Datasheet HTML 8Page - Texas Instruments TNETA1500APGE Datasheet HTML 9Page - Texas Instruments TNETA1500APGE Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TNETA1500A
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS042A – AUGUST 1997 – REVISED JANUARY 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interrupt registers
The interrupt registers located at hex addresses 00, 01, and 02 contain information on the condition of the
receive-data stream that causes INTR to become active low. The coding for the interrupt registers is given in
Table 4.
Table 4. Interrupt-Register Coding
CAUSE OF
INTERRUPT
IR1 CODING
(ADDRESS 00)
IR2 CODING
(ADDRESS 01)
IR3 CODING
(ADDRESS 02)
B1 parity error
XXXX XXX1
—
—
B2 parity error
XXXX XX1X
—
—
B3 parity error
XXXX X1XX
—
—
Loss of cell alignment
XXXX 1XXX
—
—
Loss of incoming signal
XXX1 XXXX
—
—
Out of frame
XX1X XXXX
—
—
Loss of frame
X1XX XXXX
—
—
Loss of optical carrier
1XXX XXXX
—
—
Line AIS
—
XXXX XXX1
—
Line FERF
—
XXXX XX1X
—
Loss of receive data
—
XXXX X1XX
—
Loss of pointer
—
XXXX 1XXX
—
Path AIS
—
XXX1 XXXX
—
B1 block-error overflow
—
XX1X XXXX
—
B2 block-error overflow
—
X1XX XXXX
—
B3 block-error overflow
—
1XXX XXXX
—
B1 CV overflow
—
—
XXXX XXX1
B2 CV overflow
—
—
XXXX XX1X
B3 CV overflow
—
—
XXXX X1XX
Path RDI
—
—
XXXX 1XXX
Path FERF
—
—
XXX1 XXXX
The alarm conditions or errors set bits in the interrupt register that cause INTR to go active low. All of these
conditional actions are associated with the receive-data stream and are described in the following.
LOS, OOF, LOF, LAIS, LOP, LFERF, LOCA, and LOSRD
These alarm conditions cause an external signal to go active and set a bit in one of the interrupt registers (see
Terminal Functions tables for description of the individual alarms). The status of the bit in the interrupt register
for these alarms mirrors the status of the external signal. For example, as long as an LOF condition exists, both
LOF and the LOF bit in IR1 (the value for LOF is x1xx xxxx) are set. When the logic in the TNETA1500A detects
that the LOF condition has cleared, the external output and the status bit in the interrupt registers are cleared.
A change in the status bit in the interrupt registers for these alarms causes INTR to go active low. When the
status bit makes a low-to-high transition, INTR goes active low. INTR also goes active low when the status bit
makes a high-to-low transition. Reading the interrupt register does not clear the status bit for these particular
alarms. However, INTR goes inactive high on a read of any of the interrupt registers.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com