Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE100 Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETE100
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLANE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE100 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETE100 Datasheet HTML 15Page - Texas Instruments TNETE100 Datasheet HTML 16Page - Texas Instruments TNETE100 Datasheet HTML 17Page - Texas Instruments TNETE100 Datasheet HTML 18Page - Texas Instruments TNETE100 Datasheet HTML 19Page - Texas Instruments TNETE100 Datasheet HTML 20Page - Texas Instruments TNETE100 Datasheet HTML 21Page - Texas Instruments TNETE100 Datasheet HTML 22Page - Texas Instruments TNETE100 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ThunderLAN
™ TNETE100
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
SPWS017B – APRIL 1995 – REVISED AUGUST 1996
19
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements for PCI 5-V and 3.3-V (continued)
5-V Clock
3.3-V Clock
0.8 V
2 V
1.5 V
0.475
× VDD
0.4
× VDD
0.325
× VDD
Output
Delay
3-State
Output
Input
tc
tw(H)
tw(L)
tVAL
ton
tsu
th
Inputs
Valid
Vmax
toff
Figure 4. PCI 5-V and 3.3-V Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com