Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE100PCE Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETE100PCE
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLANE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE100PCE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETE100PCE Datasheet HTML 4Page - Texas Instruments TNETE100PCE Datasheet HTML 5Page - Texas Instruments TNETE100PCE Datasheet HTML 6Page - Texas Instruments TNETE100PCE Datasheet HTML 7Page - Texas Instruments TNETE100PCE Datasheet HTML 8Page - Texas Instruments TNETE100PCE Datasheet HTML 9Page - Texas Instruments TNETE100PCE Datasheet HTML 10Page - Texas Instruments TNETE100PCE Datasheet HTML 11Page - Texas Instruments TNETE100PCE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ThunderLAN
™ TNETE100
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
SPWS017B – APRIL 1995 – REVISED AUGUST 1996
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
MEDIA-INDEPENDENT INTERFACE (100-Mbps CSMA / CD AND DEMAND PRIORITY) (CONTINUED)
MRXD0
MRXD1
MRXD2
MRXD3
83
85
86
87
I
Receive data. MRXD[3 : 0] is the nibble that receives data from the physical-media-dependent (PMD)
front end. In demand-priority mode, ThunderLAN reads the frame priority of incoming frames on these
pins on the cycle before assertion of MRXDV (the cycle before frame reception begins).
• MRXD1 indicates the transmission priority of the received frame. A value of zero indicates
normal transmission, and a value of one indicates priority transmission.
Data on these pins is always synchronous to MRCLK.
MRXDV
89
I
Receive data valid. MRXDV indicates data on MRXD[3 : 0] is valid.
MRXER
90
I
Receive error. MRXER indicates reception of a coding error on received data.
MTCLK
71
I
Transmit clock. MTCLK is the transmit clock source from the attached PHY and PMI device.
MTXD0
MTXD1
MTXD2
MTXD3
72
73
74
76
O
Transmit data. MTXD[3 : 0] is the nibble that transmits data from TNETE100. When MTXEN is asserted,
these pins carry data to be transmitted. In demand-priority mode, the TNETE100 drives the request
state of the adapter on these pins when MTXEN is not asserted (frame transmission not in progress).
• MTXD0 asserted indicates the TNETE100 is requesting frame transmission.
• MTXD1 indicates the transmission priority required. A value of zero indicates normal
transmission, and a value of one indicates high-priority transmission.
Data on these pins is always synchronous to MTCLK.
MTXER
78
O
Transmit error. MTXER allows coding errors to be propagated across the MII.
MTXEN
77
O
Transmit enable. MTXEN indicates valid transmit data on MTXD[3 : 0].
NETWORK INTERFACE (10 Base-T AND AUI)
ACOLN
ACOLP
111
109
A
AUI receive pair. ACOLN and ACOLP are differential line receiver inputs and connect to receive pair
through transformer isolation, etc.
ARCVN
ARCVP
108
106
A
AUI receive pair. ARCVN and ARCVP are differential line receiver inputs and connect to receive pair
through transformer isolation, etc.
AXMTP
AXMTN
99
100
A
AUI transmit pair. AXMTP and AXMTN are differential line transmitter outputs.
FATEST
118
A
Analog test pin. FATEST provides access to the filter of the reference PLL. This pin should be left as
a “no connect.”
FIREF
116
A
Current reference. FIREF is used to set a current reference for the analog circuitry.
FONLY
120
A
Front-end only pin. When FONLY is tied high, all TNETE100 functions other than the on-chip front end
are disabled. The MII interface pins allow the PHY to be used as a stand-alone 10 Base-T front end.
FRCVN
FRCVP
105
103
A
10 Base-T receive pair. FRCVN and FRCVP are differential line receiver inputs and connect to receive
pair through transformer isolation, etc.
FXTL1
FXTL2
113
114
A
Crystal oscillator pins. Drive FXTL1 from a 20-MHz crystal oscillator module
FXMTP
FXMTN
97
98
A
10 Base-T transmit pair. FXMTP and FXMTN are differential line transmitter outputs.
† I = input, O = output, A = Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com