Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF161-SH Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT25DF161-SH
Description  8-bit Atmel Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161-SH Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT25DF161-SH Datasheet HTML 9Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 10Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 11Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 12Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 13Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 14Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 15Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 16Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Atmel AVR1923
13
8394B-AVR-02/12
Temp.
[°C]
NTC
resistance
[kΩ]
Temp.
[°C]
NTC
resistance
[kΩ]
Temp.
[°C]
NTC
resistance
[kΩ]
Temp.
[°C]
NTC
resistance
[kΩ]
-7
528.602
23
109.970
53
29.366
83
9.510
-6
499.212
24
104.852
54
28.203
84
9.185
-5
471.632
25
100.000
55
27.091
85
8.873
-4
445.772
26
95.398
56
26.028
86
8.572
-3
421.480
27
91.032
57
25.013
87
8.283
-2
398.652
28
86.889
58
24.042
88
8.006
-1
377.193
29
82.956
59
23.113
89
7.738
Two common approximations can be used to model the temperature vs. resistance
characteristic; these are the B parameter and the Steinhart-Hart equations.
Coefficients for both formulas can be calculated from Table 5-8.
When the internal reference VCC/1.6 is used and the ADC is measuring in signed
single ended mode the codes in Table 5-9 can be read from the ADC at the various
temperatures. The calculation is based on Table 5-8.
Table 5-9. ADC codes vs. temperature (signed single ended mode with internal
VCC/1.6 reference).
ADC input [V] Temp. [°C]
ADC codes
ADC input [V]
Temp. [°C]
ADC codes
2.076
-14
2047
0.347
38
345
2.030
-13
2014
0.334
39
332
1.983
-12
1968
0.321
40
319
1.936
-11
1921
0.309
41
307
1.889
-10
1875
0.297
42
295
1.841
-9
1828
0.286
43
283
1.794
-8
1781
0.275
44
273
1.747
-7
1734
0.264
45
262
1.700
-6
1687
0.254
46
252
1.653
-5
1640
0.244
47
243
1.606
-4
1594
0.235
48
233
1.560
-3
1548
0.226
49
225
1.514
-2
1503
0.218
50
216
1.469
-1
1458
0.209
51
208
1.425
0
1414
0.202
52
200
1.380
1
1370
0.194
53
193
1.337
2
1327
0.187
54
185
1.294
3
1285
0.180
55
178
1.252
4
1243
0.173
56
172
1.211
5
1202
0.167
57
165
1.171
6
1162
0.161
58
159
1.131
7
1123
0.155
59
154
1.093
8
1084
0.149
60
148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com