Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF021-SSH Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25DF021-SSH
Description  8-bit Atmel Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021-SSH Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25DF021-SSH Datasheet HTML 1Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 2Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 3Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 4Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 5Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 6Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 7Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 8Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Atmel AVR1923: XMEGA-A3BU Xplained
Hardware User Guide
Features
• Atmel
® AVR® ATxmega256A3BU microcontroller
• FSTN LCD display with 128x32 pixels resolution
• Battery backup
• Analog sensors
- Ambient light sensor
- Temperature sensor
• Analog filter
• Digital I/O
- Three mechanical buttons
- Two user LEDs, one power LED and one status LED
- Four expansion headers
• Touch
- One Atmel AVR QTouch
® button
• Memory
- Atmel AVR AT45DB642D DataFlash
® serial flash
• Footprints for external memory
- Atmel AVR AT25DF series industry standard serial flash
1 Introduction
The Atmel AVR XMEGA-A3BU Xplained evaluation kit is a hardware platform to
evaluate the Atmel ATxmega256A3BU microcontroller.
The kit offers a large range of features that enables the Atmel AVR XMEGA
® user
to get started using XMEGA peripherals right away and understand how to
integrate the XMEGA device in their own design.
Figure 1-1. XMEGA-A3BU Xplained evaluation kit.
8-bit Atmel
Microcontrollers
Application Note
Rev. 8394B-AVR-02/12


Similar Part No. - AT25DF021-SSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021-SSH ATMEL-AT25DF021-SSH Datasheet
348Kb / 15P
One mechanical button switch Three LEDs Four expansion headers
AT25DF021-SSH ATMEL-AT25DF021-SSH Datasheet
373Kb / 13P
32-bit Microcontrollers
AT25DF021-SSH-B ATMEL-AT25DF021-SSH-B Datasheet
347Kb / 16P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021-SSH-B ATMEL-AT25DF021-SSH-B Datasheet
972Kb / 41P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021-SSH-B ETC2-AT25DF021-SSH-B Datasheet
914Kb / 41P
2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
More results

Similar Description - AT25DF021-SSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
REB233SMAD ATMEL-REB233SMAD Datasheet
222Kb / 4P
8-bit Atmel Microcontrollers
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
Atmel 8-bit AVR Microcontroller
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
346Kb / 12P
8-bit Atmel megaAVR Microcontroller
ATMEGA88A ATMEL-ATMEGA88A_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER
ATMEGA88PA ATMEL-ATMEGA88PA_14 Datasheet
1Mb / 326P
ATMEL 8-BIT MICROCONTROLLER
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA16E5 ATMEL-ATXMEGA16E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA32E5 ATMEL-ATXMEGA32E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
Atmel 8-bit AVR Microcontroller
ATXMEGA32E5 ATMEL-ATXMEGA32E5 Datasheet
2Mb / 145P
8/16-bit Atmel AVR XMEGA Microcontrollers
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com