Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBT5401 Datasheet(PDF) 3 Page - Formosa MS

Part # FMBT5401
Description  High Voltage PNP Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT5401 Datasheet(HTML) 3 Page - Formosa MS

  FMBT5401 Datasheet HTML 1Page - Formosa MS FMBT5401 Datasheet HTML 2Page - Formosa MS FMBT5401 Datasheet HTML 3Page - Formosa MS FMBT5401 Datasheet HTML 4Page - Formosa MS FMBT5401 Datasheet HTML 5Page - Formosa MS FMBT5401 Datasheet HTML 6Page - Formosa MS FMBT5401 Datasheet HTML 7Page - Formosa MS FMBT5401 Datasheet HTML 8Page - Formosa MS FMBT5401 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PARAMETER
Collector−Base Breakdown Voltage
CONDITIONS
Symbol
V
(BR)CBO
Min.
UNIT
Vdc
Vdc
Electrical Characteristics
o
(AT T =25 C unless otherwise noted)
A
OFF characteristics
I =- 1.0mAdc,I = 0
C
B
PARAMETER
DC Current Gain
CONDITIONS
Symbol
h
FE
50
60
50
UNIT
ON characteristics
I =- 1.0mAdc, V
= -5.0Vdc
C
CE
I =- 10mAdc, V
= -5.0Vdc
C
CE
I =- 50mAdc, V
= -5.0Vdc
C
CE
Collector−Emitter Saturation Voltage
Base−Emitter Saturation Voltage
I = -10mAdc, I = -1.0mAdc
C
B
I = -50mAdc, I = -5.0mAdc
C
B
I = -10mAdc, I = -1.0mAdc
C
B
I = -50mAdc, I = -5.0mAdc
C
B
V
CE(sat)
V
BE(sat)
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Max.
Collector Cutoff Current
-50
-50
-5.0
I
CES
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
Collector−Emitter Breakdown Voltage
V
CEO
(BR)
-150
Emitter−Base Breakdown Voltage
V
EBO
(BR)
I = -10uAdc, I = 0
E
C
V
= -120Vdc, I = 0
CB
E
V
= -120Vdc, I = 0,T =100°C
CB
E
A
nAdc
Min.
Max.
FMBT5401
-160
I =- 100uAdc,I = 0
C
E
Vdc
uAdc
240
-0.2
-0.5
Vdc
Vdc
-1.0
-1.0
PARAMETER
Current-Gain-Bandwidth Product
CONDITIONS
Symbol
f
T
100
UNIT
Small−Siglal characteristics
I =- 10mAdc, V
= -10Vdc,
C
CE
f=100MHz
Output Capacitance
Small Signal Current Gain
C
obo
h
fe
Min.
Max.
300
6.0
pF
dB
MHZ
V =-10Vdc,I =0, f=1.0MHz
CB
E
I =- 1.0mAdc, V
= -10Vdc,
C
CE
f=1.0KHz
40
200
Noise Figure
NF
8.0
I =- 200uAdc, V
= -5.0Vdc,
C
CE
R =10Ω,f=1.0KHz
S
-
-
High Voltage
Transistor
PNP Silicon
DS-231166
2011/01/05
2011/07/21
B
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com