Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB520S Datasheet(PDF) 2 Page - Formosa MS

Part # RB520S
Description  200mA Surface Mount Small Signal Schottky Diodes-30V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

RB520S Datasheet(HTML) 2 Page - Formosa MS

  RB520S Datasheet HTML 1Page - Formosa MS RB520S Datasheet HTML 2Page - Formosa MS RB520S Datasheet HTML 3Page - Formosa MS RB520S Datasheet HTML 4Page - Formosa MS RB520S Datasheet HTML 5Page - Formosa MS RB520S Datasheet HTML 6Page - Formosa MS RB520S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Features
Low current rectification and high speed switching.
Extremely small surface mount type.
Up to 200mA current capability.
Low forward voltage drop (VF = 0.6V typ. @200mA)
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet exceeds environmental
standards of MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free parts, ex. RB520S-H.
Mechanical data
Case : Molded plastic, SOD-523FL
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.002 gram
Epoxy:UL94-V0 rated flame retardant
Package outline
Page 2
RB520S
Formosa MS
0.028(0.70)
0.020(0.50)
0.051(1.30)
0.043(1.10)
Dimensions in inches and (millimeters)
SOD-523FL
0.067(1.70)
0.059(1.50)
PARAMETER
Repetitive peak reverse voltage
Continuous reverse voltage
Average Rectifier Forward Current
Peak Forward Surge Current
Storage temperature
Operating temperature
CONDITIONS
Symbol
V
RM
V
R
I
O
I
FSM
T
J
T
STG
MIN.
-40
-40
TYP.
MAX.
30
30
200
1000
+125
+125
UNIT
V
V
mA
mA
oC
oC
o
Maximum ratings and
(AT T =25 C unless otherwise noted)
A
Electrical Characteristics
Forward voltage
I = 200 mA
F
Reverse current
V = 10 V
R
V
F
I
R
0.60
1.0
V
uA
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
60Hz for 1cycle
200mA
Schottky Diodes-30V
Surface Mount Small Signal
Small Signal Schottky Diode
DS-221674
2008/02/10
2010/07/12
C
7
V = 10 V, f = 1MHz
R
Diode capacitance
C
T
pF
4.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com