| Electronic Components Datasheet Search |
|
ALD4702DB Datasheet(PDF) 4 Page - Advanced Linear Devices |
|
|
|||||||||||||||||||||||||||||
ALD4702DB Datasheet(HTML) 4 Page - Advanced Linear Devices |
|
4 / 9 page ![]() ALD4702A/ALD4702B Advanced Linear Devices 4 of 9 ALD4702 TYPICAL PERFORMANCE CHARACTERISTICS COMMON MODE INPUT VOLTAGE RANGE AS A FUNCTION OF SUPPLY VOLTAGE SUPPLY VOLTAGE (V) ±7 ±6 ±5 ±4 ±3 ±2 ±1 0 0 ±1 ±2 ±3 ±4 ±5 ±6 ±7 TA = 25°C OPEN LOOP VOLTAGE GAIN AS A FUNCTION OF SUPPLY VOLTAGE AND TEMPERATURE SUPPLY VOLTAGE (V) 1000 100 10 1 0 ±2 ±4 ±6 RL= 10KΩ RL= 5KΩ } -55°C } +25°C } +125°C ±8 INPUT BIAS CURRENT AS A FUNCTION OF AMBIENT TEMPERATURE AMBIENT TEMPERATURE (°C) 1000 100 10 0.1 1.0 100 -25 0 75 125 50 25 -50 VS = ± 2.5V 10000 SUPPLY CURRENT AS A FUNCTION OF SUPPLY VOLTAGE SUPPLY VOLTAGE (V) 12 10 8 6 2 4 0 ±6 ±5 ±4 ±3 ±1 ±2 INPUTS GROUNDED OUTPUTS UNLOADED TA = -55°C -25°C +80°C +125°C +25°C Design & Operating Notes: 1. The ALD4702A/ALD4702B/ALD4702 CMOS operational amplifier uses a 3 gain stage architecture and an improved frequency compensation scheme to achieve large voltage gain, high output driving capability, and better frequency stability. The ALD4702A/ALD4702B/ALD4702 is internally compensated for unity gain stability using a novel scheme. This design produces a clean single pole roll off in the gain character- istics while providing for more than 70 degrees of phase margin at the unity gain frequency. A unity gain buffer using the ALD4702A/ ALD4702B/ALD4702 will typically drive 400pF of external load capaci- tance without stability problems. In the inverting unity gain configura- tion, it can drive up to 800pF of load capacitance. Compared to other CMOS operational amplifiers, the ALD4702A/ALD4702B/ALD4702 is much more resistant to parasitic oscillations. 2. The ALD4702A/ALD4702B/ALD4702 has complementary p-channel and n-channel input differential stages connected in parallel to accom- plish rail-to-rail input common mode voltage range. With the common mode input voltage close to the power supplies, one of the two differential stages is switched off internally. To maintain compatibility with other operational amplifiers, this switching point has been selected to be about 1.5V above the negative supply voltage. As offset voltage trimming on the ALD4702A/ALD4702B/ALD4702 is made when the input voltage is symmetrical to the supply voltages, this internal switching does not affect a large variety of applications such as an inverting amplifier or non-inverting amplifier with a gain greater than 2.5 (5V operation), where the common mode voltage does not make excursions below this switching point. 3. The input bias and offset currents are essentially input protection diode reverse bias leakage currents, and are typically less than 1pA at room temperature. This low input bias current assures that the analog signal from the source will not be distorted by input bias currents. For applications where source impedance is very high, it may be necessary to limit noise and hum pickup through proper shielding. 4. The output stage consists of class AB complementary output drivers, capable of driving a low resistance load. The output voltage swing is limited by the drain to source on-resistance of the output transistors as determined by the bias circuitry, and the value of the load resistor when connected. In the voltage follower configuration, the oscillation resistant feature, combined with the rail to rail input and output feature, makes the ALD4702A/ALD4702B/ ALD4702 an effective analog signal buffer for medium to high source impedance sensors, transducers, and other circuit net- works. 5. The ALD4702A/ALD4702B/ALD4702 operational amplifier has been designed with static discharge protection. Internally, the design has been carefully implemented to minimize latch up. However, care must be exercised when handling the device to avoid strong static fields. In using the operational amplifier, the user is advised to power up the circuit before, or simultaneously with, any input voltages applied and to limit input voltages to not exceed 0.3V of the power supply voltage levels. Alternatively, a 100KΩ or higher value resistor at the input terminals will limit input currents to acceptable levels while causing very small or negligible accu- racy effects. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |