Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2011 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSC2011
Description  Nanopower, 4-Wire Resistive Touch and Haptic Controller with I2C??Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2011 Datasheet(HTML) 2 Page - Texas Instruments

  TSC2011 Datasheet HTML 1Page - Texas Instruments TSC2011 Datasheet HTML 2Page - Texas Instruments TSC2011 Datasheet HTML 3Page - Texas Instruments TSC2011 Datasheet HTML 4Page - Texas Instruments TSC2011 Datasheet HTML 5Page - Texas Instruments TSC2011 Datasheet HTML 6Page - Texas Instruments TSC2011 Datasheet HTML 7Page - Texas Instruments TSC2011 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSC2011
SBAS516
– NOVEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION CONTINUED
The TSC2011 works with supply voltage as low as 1.2V, that can be supplied by a single cell battery. It contains
a complete, ultra low power, 12-bit, A/D resistive touch screen converter including drivers and the control logic to
measure touch pressure. It supports the I2C serial bus and data transmission protocol in all three defined modes:
standard, fast, and high-speed. The TSC2011 is available in a miniture 20-pin 4mmx4mm QFN and a 25-lead
(2.555
±0.055)mm x (2.555±0.055)mm WCSP (with reduced haptic driving specification) packages. The TSC2011
is characterized for the -40
°C to 85°C industrial temperature range.
ORDERING INFORMATION(1)
TYPICAL
NO MISSING
TYPICAL GAIN
INTEGRAL
CODES
PACKAGE
PACKAGE
TEMPERATURE
ORDERING
TRANSPORT MEDIA
MODEL
ERROR
LINEARITY
RESOLUTION
TYPE
DESIGNATOR
RANGE
INFORMATION
QUANTITY
(LSB)
(LSB)
(BIT)
TSC2011IRTJT
Small tape and reel 250
20 Pin 4x4x0.8
TSC2011I
0.8~+1.4
+0.1
11
RTJ
–40°C to 85°C
Thin QFN
TSC2011IRTJR
Tape and reel 3000
25 Pin
TSC2011IYZKT
Small tape and reel 250
TSC2011I
0.8~+1.4
+0.1
11
2.5x2.5x0.65
YZK
(2)
–40°C to 85°C
TSC2011IYZKR
Tape and reel 3000
WCSP
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or visit
the device product folder at www.ti.com.
(2)
Product Preview
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
MIN
MAX
Analog Input X+, Y+, X-, Y-, AUX to GND
−0.4
VDD + 0.1
Voltage range
V
VDD to GND, HVDD to HGND
−0.3
5
Digital pin voltage to GND
−0.3
5
V
Operating free air temperature range, TA
−40
85
°C
Storage temperature range, Tstg
−65
150
°C
Junction temperature, TJ max
150
150
°C
IEC contact discharge (2)
X+, X- , Y+, Y-
±15
kV
IEC air discharge (2)
X+, X- , Y+, Y-
±25
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum rated conditions for extended periods may affect device reliability.
(2)
Test method based on IEC standard 61000-4-2. Contact Texas Instruments for test details.
THERMAL INFORMATION
TSC2011
THERMAL METRIC(1)
UNITS
RTJ (20 PINS)
YZK (25
PINS)(2)
θJA
Junction-to-ambient thermal resistance
32.1
99.4
θJCtop
Junction-to-case (top) thermal resistance
15.4
5.5
θJB
Junction-to-board thermal resistance
5.8
35
°C/W
ψJT
Junction-to-top characterization parameter
0.2
13
ψJB
Junction-to-board characterization parameter
5.7
37.7
θJCbot
Junction-to-case (bottom) thermal resistance
1.2
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Only 18 active pins.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TSC2011



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com