Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1020VL Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBR1020VL
Description  SURFACE MOUNT SCHOTTKY POWER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBR1020VL Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBR1020VL Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBR1020VL Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR1020VL
20V
1.0A
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOD-123FL
SURFACE MOUNT SCHOTTKY POWER RECTIFIER
• Guardring for stress protection
• Optimized for very low forward voltage
• In compliance with EU RoHS 2002/95/EC directives
• Case: SOD-123FL, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0168 gram
• Marking code : RC
1.Pulse Test : Pulse Width = 300
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
C
I
T
S
I
R
E
T
C
A
R
A
H
CL
O
B
M
Y
STJ
5
2
=
O CTJ
5
8
=
O CS
T
I
N
U
)
3
e
t
o
N
(
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
I F
A
1
.
0
=
I F
A
5
.
0
=
I F
A
0
.
1
=
V F
5
7
2
.
0
5
1
3
.
0
0
4
3
.
0
5
0
2
.
0
0
7
2
.
0
0
0
3
.
0
V
)
3
e
t
o
N
(
t
n
e
r
r
u
C
e
s
r
e
v
e
R
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
)
e
g
a
t
l
o
V
C
D
d
e
t
a
R
(
I R
0
6
.
05
1A
m
G
N
I
T
A
RL
O
B
M
Y
SE
U
L
A
VS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
e
v
i
t
i
t
e
p
e
R
k
a
e
P
V RRM
0
2V
)
1
e
r
u
g
i
F
e
e
S
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
A
I F (AV)
0
.
1A
t
n
e
r
r
u
C
e
g
r
u
S
k
a
e
P
e
v
i
t
i
t
e
p
e
R
-
n
o
N
)
z
H
0
6
,
e
s
a
h
P
e
l
g
n
i
S
,
e
v
a
w
f
l
a
H
,
s
n
o
i
t
i
n
o
C
d
a
o
L
d
e
t
a
R
t
a
d
e
i
l
p
p
A
e
g
r
u
S
(
I FS M
5
4A
g
a
t
l
o
VV
d
e
t
a
R
(
e
g
n
a
h
C
f
o
e
t
a
R
e
R
)t
d
/
v
d0
0
0
1/
V
µs
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ T
, STG
5
2
1
+
o
t
5
5
-
O C
µs, Duty Cycle < 2%


Similar Part No. - MBR1020VL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1020VL PANJIT-MBR1020VL Datasheet
177Kb / 3P
SURFACE MOUNT SCHOTTKY POWER RECTIFIER
MBR1020VL-AU PANJIT-MBR1020VL-AU Datasheet
113Kb / 5P
SURFACE MOUNT SCHOTTKY POWER RECTIFIER
logo
TECH PUBLIC Electronics...
MBR1020VL-TP TECHPUBLIC-MBR1020VL-TP Datasheet
2Mb / 4P
Low Forward Volatge Drop Schottky Barrier Diodes
logo
Pan Jit International I...
MBR1020VL PANJIT-MBR1020VL_16 Datasheet
259Kb / 5P
SURFACE MOUNT SCHOTTKY POWER RECTIFIER
MBR1020VL_R1_00001 PANJIT-MBR1020VL_R1_00001 Datasheet
259Kb / 5P
SURFACE MOUNT SCHOTTKY POWER RECTIFIER
More results

Similar Description - MBR1020VL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA210ET3 ONSEMI-MBRA210ET3_08 Datasheet
100Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2008 ??Rev. 6
MBRS3100T3G ONSEMI-MBRS3100T3G Datasheet
97Kb / 4P
Surface Mount Schottky Power Rectifier
October, 2010 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
NRVBS3200T3G ONSEMI-NRVBS3200T3G Datasheet
96Kb / 4P
Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com