Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC16552DV/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # PC16552DV/NOPB
Description  PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs?
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PC16552DV/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  PC16552DV/NOPB Datasheet HTML 1Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 2Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 3Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 4Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 5Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 6Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 7Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 8Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
10 Absolute Maximum Ratings
Temperature under Bias
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
All Input or Output Voltages
with Respect to VSS
b
05V to a70V
Power Dissipation
1W
Note
Maximum ratings indicate limits beyond which perma-
nent damage may occur Continuous operation at these lim-
its is not intended and should be limited to those conditions
specified under DC electrical characteristics
20 DC Electrical Characteristics
TA e 0 Cto a70 C VDD ea5V g10% VSS e 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
VILX
Clock Input Low Voltage
b
05
08
V
VIHX
Clock Input High Voltage
2
VCC
V
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage
2
VCC
V
VOL
Output Low Voltage
IOL e 16 mA on all (Note 1)
04
V
VOH
Output High Voltage
IOH eb1 mA (Note 1)
24
V
ICC(AV)
Average Power Supply
VDD e 55V
Current
No Loads on Output
CS RD WR
SIN DSR DCD
30
mA
CTS RI e 2V
All Other Inputs e 08V
XIN e 24 MHz
Divisor e EFFF
IIL
Input Leakage
VDD e 55V VSS e 0V
g
10
m
A
ICL
Clock Leakage
VIN e 0V 55V
g
10
m
A
IOZ
TRI-STATE Leakage
VDD e 55V VSS e 0V
VOUT e 0V 55V
1) Chip Deselected
g
20
m
A
2) WRITE Mode
Chip Selected
VILMR
MR Schmitt VIL
08
V
VIHMR
MR Schmitt VIH
2V
Note 1
Does not apply to XOUT
Note 2
TA e 25 C
Capacitance TA e 25 C VDD e VSS e 0V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CXIN
Clock Input Capacitance
7
9
pF
fc e 1 MHz
CXOUT
Clock Output Capacitance
7
9
pF
Unmeasured Pins
CIN
Input Capacitance
5
7
pF
Returned to VSS
COUT
Output Capacitance
6
8
pF
CIO
InputOutput Capacitance
10
12
pF
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com