Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL54AS810 Datasheet(PDF) 1 Page - Texas Instruments

Part # SL54AS810
Description  QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SL54AS810 Datasheet(HTML) 1 Page - Texas Instruments

  SL54AS810 Datasheet HTML 1Page - Texas Instruments SL54AS810 Datasheet HTML 2Page - Texas Instruments SL54AS810 Datasheet HTML 3Page - Texas Instruments SL54AS810 Datasheet HTML 4Page - Texas Instruments SL54AS810 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54ALS810, SN54AS810, SN74ALS810, SN74AS810
QUADRUPLE 2INPUT EXCLUSIVENOR GATES
SDAS160 − D2837, MARCH 1984 − REVISED OCTOBER 1988
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
Copyright
1988, Texas Instruments Incorporated
5BASIC
1
• Package Options include Plastic “Small
Outline” Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
• Dependable Texas Instruments Quality and
Reliability
description
These
devices
contain
four
independent
Exclusive-NOR gates. They perform the Boolean
functions Y = A + B = (A + B)
•(A + B) in positive
logic.
A common application is a true/complement
element. If one of the inputs is high, the other input
will be reproduced in true form at the output. If one
of the inputs is low, the signal on the other input will
be reproduced inverted at the output.
The
SN54ALS810
and
SN54AS810
are
characterized for operation over the full military
temperature range of − 55
°C to 125°C. The
SN74ALS810 and SN74AS810 are characterized
for operation from 0
°C to 70°C.
logic symbol†
3
1Y
1
1A
2Y
6
3Y
8
4Y
11
1B
2
2A
4
2B
5
3A
9
3B
10
4A
12
4B
13
= 1
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for D, J, and N packages.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54ALS810, SN54AS810 ...J PACKAGE
SN74ALS810, SN74AS810 ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54ALS810, SN54AS810 . . . FK PACKAGE
(TOP VIEW)
INPUTS
OUTPUT
Y
FUNCTION TABLE
(each gate)
NC−No internal connection
A
L
H
L
H
H
L
L
H
B
L
L
H
H
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SL54AS810

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SL54A SMC-SL54A Datasheet
186Kb / 6P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SL54A GOOD-ARK-SL54A Datasheet
396Kb / 4P
Surface Mount Schottky Rectifier
logo
SMC Diode Solutions Co....
SL54A SMCDIODE-SL54A Datasheet
857Kb / 4P
SL54A SCHOTTKY RECTIFIER
Rev. C
logo
Micro Commercial Compon...
SL54AFL MCC-SL54AFL Datasheet
503Kb / 3P
5.0 Amp Low VF Schottky Rectifiers 40 to 100 Volts
More results

Similar Description - SL54AS810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC266 TI-SN54HC266 Datasheet
77Kb / 4P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-DRAIN OUTPUTS
SN54LS266 TI-SN54LS266 Datasheet
465Kb / 9P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
SN54S135 TI-SN54S135 Datasheet
64Kb / 3P
QUADRUPLE EXCLUSIVE-OR/NOR GATES
SN54HC266 TI-SN54HC266_07 Datasheet
462Kb / 12P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-DRAIN OUTPUTS
SN54LS266 TI-SN54LS266_07 Datasheet
610Kb / 12P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS266 RENESAS-HD74LS266 Datasheet
146Kb / 4P
Quadruple 2-input Exclusive-NOR Gates (with open collector outputs)
HD74HC7266P RENESAS-HD74HC7266P Datasheet
83Kb / 7P
Quad. 2-input Exclusive-NOR Gates
logo
Texas Instruments
SN74ALS811 TI1-SN74ALS811 Datasheet
80Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Aeroflex Circuit Techno...
UT54ACS02 AEROFLEX-UT54ACS02 Datasheet
230Kb / 9P
Quadruple 2-Input NOR Gates
logo
Texas Instruments
SN54S135 TI1-SN54S135_14 Datasheet
256Kb / 8P
QUADRUPLE EXCLUSIVE- OR/NOR GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com