Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS877 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AS877
Description  8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS877 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AS877 Datasheet HTML 2Page - Texas Instruments SN74AS877 Datasheet HTML 3Page - Texas Instruments SN74AS877 Datasheet HTML 4Page - Texas Instruments SN74AS877 Datasheet HTML 5Page - Texas Instruments SN74AS877 Datasheet HTML 6Page - Texas Instruments SN74AS877 Datasheet HTML 7Page - Texas Instruments SN74AS877 Datasheet HTML 8Page - Texas Instruments SN74AS877 Datasheet HTML 9Page - Texas Instruments SN74AS877 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN54AS877, SN74AS877
8BIT UNIVERSAL TRANCEIVER PORT CONTROLLERS
SDAS234 − D2661, DECEMBER 1982 − REVISED AUGUST 1985
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
7
switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
PARAMETER
FROM
TO
R2 = 500
Ω,
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TA = MIN to MAX
UNIT
SN54AS877
SN74AS877
MIN
MAX
MIN
MAX
fmax
45
50
MHz
tPLH
Any A port
Any B port
2
8.5
2
7
ns
tPHL
Any A port
Any B port
3
10.5
3
9
ns
tPLH
Any B port
Any A port
2
9
2
7.5
ns
tPHL
Any B port
Any A port
3
10.5
3
9
ns
tPLH
S0, S1, S2 †
Any A or B
2
11.5
2
10
ns
tPHL
S0, S1, S2 †
port
3
9.5
3
8
ns
tPLH
CLk
Any A or B
2
11
2
9
ns
tPHL
CLk
port
3
13
3
11.5
ns
tPLH
CLK
QB
2
10.5
2
8
ns
tPHL
CLK
QB
3
10
3
8.5
ns
tPHZ
2
7.5
2
6.5
ns
tPLZ
S0, S1, S2 †
Any A or B
3
13
3
10.5
ns
tPZH
S0, S1, S2 †
Any A or B
port
2
9
2
7
ns
tPZL
port
3
11.5
3
9.5
ns
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.
† The positive transition of S2 will cause low-level data at the A output Bus or stored in the shift register to be invalid for 12 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com