Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMS22D51-R16-LD2 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # EMS22D51-R16-LD2
Description  Non-Contacting Direction/Step Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EMS22D51-R16-LD2 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  EMS22D51-R16-LD2 Datasheet HTML 1Page - Bourns Electronic Solutions EMS22D51-R16-LD2 Datasheet HTML 2Page - Bourns Electronic Solutions EMS22D51-R16-LD2 Datasheet HTML 3Page - Bourns Electronic Solutions EMS22D51-R16-LD2 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9.53
(.375)
9.53
(.375)
20.88 ± .25
(.822 ± .010)
22.23 ± .25
(.875 ± .010)
1.57 ± 0.12
(.062 ± .005)
13.89 ± .38
(.547 ± .015)
13.89 ± .38
(.547 ± .015)
1.57
(.062)
1.57
(.062)
1.57
(.062)
4.00
(.157)
4.00
(.157)
10.29
(.405)
DIA.
DIA.
6.34
(0.249)
15.88 ± .25
(.625 ± .010)
.51 ± .03
(.020 ± .001)
2.01
(.079)
5 PLCS.
6 PLCS.
6 PLCS.
2.79
(.110)
.51 ± .03
(.020 ± .001)
21.21 ± .25
(.835 ± .010)
15.88 ± .25
(.625 ± .010)
.51 ± .03
(.020 ± .001)
2.01
(.079)
5 PLCS.
6 PLCS.
6 PLCS.
2.74
(.108)
.51 ± .03
(.020 ± .001)
21.21 ± .25
(.835 ± .010)
19.05
(.75)
DIA.
DIA.
3.17 +.00/-.01
(.1247 +.0000/-.0003)
22.23
(.875)
DIA.
9.53
(.375)
20.88 ± .25
(.822 ± .010)
13.89 ± .38
(.547 ± .015)
15.88 ± .25
(.625 ± .010)
1.57 ± 0.12
(.062 ± .005)
.51 ± .03
(.020 ± .001)
2.01
(.079)
5 PLCS.
6 PLCS.
6 PLCS.
4.00
(.157)
2.79
(.110)
.51 ± .03
(.020 ± .001)
DIA.
10.29 ± 0.12
(.405 ± .005)
DIA.
21.21 ± .25
(.835 ± .010)
3.17 +.00/-.01
(.1247 +.0000/-.0003)
EMS22D - Non-Contacting Direction/Step Encoder
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Consult factory for options not shown, including:
• Wire lead or cable options
•
Special shaft/bushing sizes and features
• Connectors
•
Special performance characteristics
• Non-standard resolutions
•
PCB mounting bracket
Shaft Style D (Bushing T)
Shaft Style B (Bushing S)
Shaft Style D (Bushing W)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com