Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGR2018CT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MGR2018CT
Description  Power Manager Gallium Arsenide Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGR2018CT Datasheet(HTML) 2 Page - Motorola, Inc

  MGR2018CT Datasheet HTML 1Page - Motorola, Inc MGR2018CT Datasheet HTML 2Page - Motorola, Inc MGR2018CT Datasheet HTML 3Page - Motorola, Inc MGR2018CT Datasheet HTML 4Page - Motorola, Inc MGR2018CT Datasheet HTML 5Page - Motorola, Inc MGR2018CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Motorola RF Device Data
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
VF , INSTANTANEOUS FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
180
160
140
120
100
80
60
40
20
0
VR, REVERSE VOLTAGE (V)
180
160
140
120
100
80
60
40
20
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
2.2
2.4
100
10
1.0
0.1
VF , MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (V)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
2.2 2.4
100
10
1.0
0.1
TJ = 125°C
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 175°C
TJ = 125°C
TJ = 25°C
TJ = 175°C
TJ = 125°C
TJ = 25°C
TJ = 175°C
1000
100
10
1
0.1
0.01
0.001
1000
100
10
1
0.1
0.01
0.001
0.2
0.5
2.0
5.0
20
50
0.2
0.5
2.0
5.0
20
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com