Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC441DTETRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC441DTETRT
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441DTETRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC441DTETRT Datasheet HTML 13Page - Semtech Corporation SC441DTETRT Datasheet HTML 14Page - Semtech Corporation SC441DTETRT Datasheet HTML 15Page - Semtech Corporation SC441DTETRT Datasheet HTML 16Page - Semtech Corporation SC441DTETRT Datasheet HTML 17Page - Semtech Corporation SC441DTETRT Datasheet HTML 18Page - Semtech Corporation SC441DTETRT Datasheet HTML 19Page - Semtech Corporation SC441DTETRT Datasheet HTML 20Page - Semtech Corporation SC441DTETRT Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
SC441D
7
Table 3. Recommended Ceramic Capacitor
Manufacturers
Vendor
Phone
Website
Kemet
408-986-0424
www.kemet.com
Murata
84-237-43
www.murata.com
Taiyo Yuden
408-573-450
www.t-yuden.com
Output Rectifying Diode Selection
Schottky diodes are the ideal choice for SC44D due to
their low forward voltage drop and fast switching speed.
Table 4 shows several different Schottky diodes that work
well with the SC44D. Make sure that the diode has a
voltage rating greater that the possible maximum ouput
voltage. The diode conducts current only when the power
switch is turned off. A diode of 2A will be sufficient for
most designs.
Table 4. Recommended Rectifying Diodes
Part
Vendor
SS23
SS24
Vishay
www.vishay.com
Layout Guidelines
The SC44D contains a boost converter and the place-
ments of the power components outside the SC44D
should follow the layout guidelines of a general boost
converter. The evaluation application circuit on page 8
will be used as an example. C2 and C3 are input decou-
pling capacitor for SC44D VIN pin and main power input.
C2,C3 should be placed as close as possible to the VIN pin
to achieve the best decoupling performance.
To minimize the switching noise, The switching loop
formed by input decoupling capacitors, internal switch,
output Schottky diode and output capacitors must be
minimized. The LED current programming resistor(R6),
compensation network (R9,C5,C7) and soft start capacitor
(C6) should be placed as close as possible to SC44D. The
C4~C7 are decoupling capacitors for LED current source
which prevent IO pins from noise influence. C4~C7
should be placed close to each corresponding IO pin.
Use an isolated local AGND plane underneath the con-
troller and tie it to the negative side of output capacitor
Applications Information (continued)
through R4 for better noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com