Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5014A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC5014A
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014A Datasheet(HTML) 2 Page - Semtech Corporation

  SC5014A Datasheet HTML 1Page - Semtech Corporation SC5014A Datasheet HTML 2Page - Semtech Corporation SC5014A Datasheet HTML 3Page - Semtech Corporation SC5014A Datasheet HTML 4Page - Semtech Corporation SC5014A Datasheet HTML 5Page - Semtech Corporation SC5014A Datasheet HTML 6Page - Semtech Corporation SC5014A Datasheet HTML 7Page - Semtech Corporation SC5014A Datasheet HTML 8Page - Semtech Corporation SC5014A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SC5014A
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC504AMLTRT()(2)
MLPQ-20 4×4
SC504AEVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 3,000 devices.
(2) Lead-free packaging only. Device is WEEE and RoHS compliant,
and halogen free.
AG ND
O VP
15
IO 1
14
13
IO 2
12
IO 2
11
20
16
17
18
19
UVLO
1
SCP
2
REF
3
FSET
4
NC
5
10
8
9
7
6
IO 1
5014A
yyww
xxxxx
xxxxx
nnnn = Part Number
yyww = Date code
xxxxx = Semtech Lot No.
xxxxx = Semtech Lot No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com