Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9301EVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC9301EVB
Description  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301EVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC9301EVB Datasheet HTML 17Page - Semtech Corporation SC9301EVB Datasheet HTML 18Page - Semtech Corporation SC9301EVB Datasheet HTML 19Page - Semtech Corporation SC9301EVB Datasheet HTML 20Page - Semtech Corporation SC9301EVB Datasheet HTML 21Page - Semtech Corporation SC9301EVB Datasheet HTML 22Page - Semtech Corporation SC9301EVB Datasheet HTML 23Page - Semtech Corporation SC9301EVB Datasheet HTML 24Page - Semtech Corporation SC9301EVB Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
SC9301
21
Applications Information (continued)
Example
s
1
A
5
.
2
dt
dl
LOAD
This would cause the output current to move from 10A to
0A in 4μs, giving the minimum output capacitance
requirement shown in the following equation.
5
.
1
65
.
1
2
s
1
5
.
2
10
5
.
1
85
.
11
H
2
.
1
85
.
11
C
OUT
C
OUT = 216 μF
Note that C
OUT
is much smaller in this example, 216μF
compared to 357μF based on a worst-case load release. To
meet the two design criteria of minimum 357μF and
maximum 8.1mΩ ESR, select one capacitor of 330μF and
6mΩ ESR.
It is recommended that an additional small capacitor be
placed in parallel with C
OUT
in order to filter high frequency
switching noise.
Stability Considerations
Unstable operation is possible with adaptive on-time con-
trollers, and usually takes the form of double-pulsing or
ESR loop instability.
Double-pulsing occurs due to switching noise seen at the
FB input or because the FB ripple voltage is too low. This
causes the FB comparator to trigger prematurely after the
250ns minimum off-time has expired. In extreme cases
the noise can cause three or more successive on-times.
Double-pulsing will result in higher ripple voltage at the
output, but in most applications it will not affect opera-
tion. This form of instability can usually be avoided by
providing the FB pin with a smooth, clean ripple signal
that is at least 10mVp-p, which may dictate the need to
increase the ESR of the output capacitors. It is also impera-
tive to provide a proper PCB layout as discussed in the
Layout Guidelines section.
Another way to eliminate doubling-pulsing is to add a
small capacitor across the upper feedback resistor, as
shown in Figure 9. This capacitor should be left unpopu-
lated unless it can be confirmed that double-pulsing
exists. Adding the C
TOP
capacitor will couple more ripple
into FB to help eliminate the problem. An optional con-
nection on the PCB should be available for this capacitor.
VOUT
To FB pin
R2
R1
CTOP
Figure 9 — Capacitor Coupling to FB Pin
ESR loop instability is caused by insufficient ESR. The
details of this stability issue are discussed in the ESR
Requirements section. The best method for checking sta-
bility is to apply a zero-to-full load transient and observe
the output voltage ripple envelope for overshoot and
ringing. Ringing for more than one cycle after the initial
step is an indication that the ESR should be increased.
One simple way to solve this problem is to add trace resis-
tance in the high current output path. A side effect of
adding trace resistance is decreased load regulation.
ESR Requirements
A minimum ESR is required for two reasons. One reason is
to generate enough output ripple voltage to provide
10mVp-p at the FB pin (after the resistor divider) to avoid
double-pulsing.
The second reason is to prevent instability due to insuffi-
cient ESR. The on-time control regulates the valley of the
output ripple voltage. This ripple voltage is the sum of the
two voltages. One is the ripple generated by the ESR, the
other is the ripple due to capacitive charging and dis-
charging during the switching cycle. For most applica-
tions the minimum ESR ripple voltage is dominated by the
output capacitors, typically SP or POSCAP devices. For
stability the ESR zero of the output capacitor should be
lower than approximately one-third the switching fre-
quency. The formula for minimum ESR is shown by the
following equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com