Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2011IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2011IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2011IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F2011IPWR Datasheet HTML 17Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 18Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 19Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 20Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 21Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 22Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 23Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 24Page - Texas Instruments MSP430F2011IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
Electrical Characteristics
Active Mode Supply Current Into VCC Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
fDCO = fMCLK = fSMCLK = 1 MHz,
2.2 V
220
270
fACLK = 32768 Hz,
Program executes in flash,
Active mode (AM)
IAM,1MHz
BCSCTL1 = CALBC1_1MHZ,
µA
current (1 MHz)
3 V
300
370
DCOCTL = CALDCO_1MHZ,
CPUOFF = 0, SCG0 = 0,
SCG1 = 0, OSCOFF = 0
fDCO = fMCLK = fSMCLK = 1 MHz,
2.2 V
190
fACLK = 32768 Hz,
Program executes in RAM,
Active mode (AM)
IAM,1MHz
BCSCTL1 = CALBC1_1MHZ,
µA
current (1 MHz)
3 V
260
DCOCTL = CALDCO_1MHZ,
CPUOFF = 0, SCG0 = 0,
SCG1 = 0, OSCOFF = 0
fMCLK = fSMCLK = fACLK = 32768 Hz/8
-40
°C to 85°C
2.2 V
1.2
3
= 4096 Hz,
105
°C
2.2 V
6
fDCO = 0 Hz,
-40
°C to 85°C
3 V
1.6
4
Active mode (AM)
Program executes in flash,
IAM,4kHz
µA
current (4 kHz)
SELMx = 11, SELS = 1,
DIVMx = DIVSx = DIVAx = 11,
105
°C
3 V
7
CPUOFF = 0, SCG0 = 1,
SCG1 = 0, OSCOFF = 0
fMCLK = fSMCLK = fDCO(0, 0) ≈ 100 kHz,
-40
°C to 85°C
2.2 V
37
50
fACLK = 0 Hz,
105
°C
2.2 V
60
Active mode (AM)
Program executes in flash,
IAM,100kHz
µA
-40
°C to 85°C
3 V
40
55
current (100 kHz)
RSELx = 0, DCOx = 0,
CPUOFF = 0, SCG0 = 0,
105
°C
3 V
65
SCG1 = 0, OSCOFF = 1
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal CC4V-T1A SMD crystal with a load capacitance of 9 pF. The internal and external
load capacitance is chosen to closely match the required 9 pF.
Copyright
© 2005–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com