Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ401EP Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SQJ401EP
Description  Automotive P-Channel 12 V (D-S) 175 °C MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ401EP Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SQJ401EP Datasheet HTML 2Page - Vishay Siliconix SQJ401EP Datasheet HTML 3Page - Vishay Siliconix SQJ401EP Datasheet HTML 4Page - Vishay Siliconix SQJ401EP Datasheet HTML 5Page - Vishay Siliconix SQJ401EP Datasheet HTML 6Page - Vishay Siliconix SQJ401EP Datasheet HTML 7Page - Vishay Siliconix SQJ401EP Datasheet HTML 8Page - Vishay Siliconix SQJ401EP Datasheet HTML 9Page - Vishay Siliconix SQJ401EP Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 07-Feb-12
1
Document Number: 63818
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED MINIMUM PAD FOR PowerPAK® SO-8L SINGLE
Recommended Minimum Pads
Dimensions in mm (inches)
5.000
(0.197)
0.510
(0.020)
0.595
(0.023)
4.061
(0.160)
3.630
(0.143)
0.410
(0.016)
0.710
(0.028)
0.610
(0.024)
2.715
(0.107)
1.270
(0.050)
1.905
(0.075)
0.860
(0.034)
0.820
(0.032)
7.250
(0.285)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com