Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSQC1 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SSQC1
Description  2410 size SMD fuses, pre-assembled in SMD clips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SSQC1 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SSQC1 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type SSQC & SSTC
2410 size SMD fuses, pre-assembled in SMD clips
RoHS 6 Compliant
2410 size SMD fuses, pre-assembled in SMD clips
Pb
Features
- Surface mount,2410 assembly
- Allows solderless field replacement of open fuse
- Available in rating of SSQC 250mA to 8A and SSTC
375mA to 7A
SSQC_SSTC June 2012D
Conflict free metals
RoHS6 Compliant
Electrical Specification
Applications
375mA to 7A
- Wide operating temperature range
- Tape and Reel for automatic placment
- Notebook
- LCD monitor
- PC computer
- Office electronic equipment
- Industrial equipment
- Medical equipment
- POE, POE+
- LCD / LED monitor
HALOGEN FREE =
HF
These fuse/clip assemblies can be efficiently placed in a single
pass.Once reflowed,fuse replacement requires no resoldering.
Maximum Recommended Fuse Current Rating 8Amperes,125Volts.
Solderability
MIL-STD-202G, Method 208H
-55°C to +125°C
MIL-STD-202G, Method 213B, Test Condition I
(100 G's peak for 6 milliseconds; Sawtooth Waveform)
MIL-STD-202G, Method 201A (10-55 Hz, 0.06 inch, total
excursion).
Operating Temperature
Shock Resistance
Vibration Resistance
- LCD / LED monitor
- Power supply
- LCD / LED TV
LEAD FREE =
Pb
RoHS 6 Compliant Product
Environmental Specification
Maximum Recommended Fuse Current Rating 8Amperes,125Volts.
Use of SSQ fuses rated higher than 8A,i.e.10A,12A,15A may be
suitable with proper evaluation.(Consult with Bel engineering)
Ampere Rating
375mA
MIL-STD-202G, Method 107G, Test Condition B
(-65°C to +125°C).
Thermal Shock
Insulation Resistance
SSQ Square Ceramic Surface mount
Quick Action Fuse
Catalog Number
Ampere Rating
SSQC 250
MIL-STD-202, Method 302,Test Condition A
(After Opening) 10,000 ohms minimum.
250mA
SST Square Ceramic Surface
mount Slow Blow Fuse
Catalog Number
SSTC 375
500mA
625mA
750mA
1A
SSTC 1.5
1.5A
SSTC 2
2A
SSTC 2.5
2.5A
SSTC 3
3A
SSTC 3.5
3.5A
SSTC 4
4A
SSQC 375
SSQC 500
SSQC 750
SSQC 1
SSQC 1.25
SSQC 1.5
SSQC 2
SSQC 2.5
SSQC 3
375mA
500mA
750mA
1A
1.25A
SSQC 3.5
SSTC 1
2.5A
3A
3.5A
1.5A
2A
SSTC 500
SSTC 625
SSTC 750
T
SSTC 4
4A
5A
7A
Consult manufacturer for other ratings
Materials
ClipTerminals: Matte Tin Plated Inconel Alloy
SSQC 5
SSQC 6.3
5A
6.3A
SSQC 7
SSQC 8
SSQC 3.5
SSQC 4
3.5A
4A
SSTC 5
SSTC 7
7A
8A
Physical Specification
Mechanical Dimensions
SSQC/SSTC
Materials
ClipTerminals: Matte Tin Plated Inconel Alloy
Specifications Subject to change without notice.
Packaging
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 ‧Tel: 201-432-0463 ‧Fax: 201-432-9542 ‧E-Mail: belfuse@belf.com
Website: www.belfuse.com


Similar Part No. - SSQC1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQC1 BEL-SSQC1 Datasheet
101Kb / 2P
Replaceable SSQ/SST with Integral Clips
SSQC1 BEL-SSQC1 Datasheet
209Kb / 1P
Replaceable SSQ/SST with Integral Clips
SSQC1.25 BEL-SSQC1.25 Datasheet
101Kb / 2P
Replaceable SSQ/SST with Integral Clips
SSQC1.25 BEL-SSQC1.25 Datasheet
209Kb / 1P
Replaceable SSQ/SST with Integral Clips
SSQC1.5 BEL-SSQC1.5 Datasheet
101Kb / 2P
Replaceable SSQ/SST with Integral Clips
More results

Similar Description - SSQC1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5243 POMONA-5243 Datasheet
19Kb / 1P
Do-It-Yourself SMD Grabber Test Clips
5305 POMONA-5305 Datasheet
32Kb / 1P
BNC (Female) To SMD Grabber Test Clips
72906 POMONA-72906 Datasheet
138Kb / 1P
Mini SMD Grabber Test Clips
logo
List of Unclassifed Man...
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
2410 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-2923HC-C BOURNS-SF-2923HC-C Datasheet
789Kb / 7P
High Current SMD Fuses
SF-2923UC-C BOURNS-SF-2923UC-C Datasheet
803Kb / 7P
Ultra-High Current SMD Fuses
SF-2410FP-T BOURNS-SF-2410FP-T Datasheet
609Kb / 9P
Fast Acting Precision SMD Fuses
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
SF-2410HI-T BOURNS-SF-2410HI-T Datasheet
533Kb / 7P
High Inrush SMD Fuses
SF-1206F-M BOURNS-SF-1206F-M Datasheet
537Kb / 5P
Fast Acting SMD Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com