Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60-70MT..KPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 60-70MT..KPBF
Description  Three Phase Bridge (Power Modules), 60/70 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60-70MT..KPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  60-70MT..KPBF Datasheet HTML 1Page - Vishay Siliconix 60-70MT..KPBF Datasheet HTML 2Page - Vishay Siliconix 60-70MT..KPBF Datasheet HTML 3Page - Vishay Siliconix 60-70MT..KPBF Datasheet HTML 4Page - Vishay Siliconix 60-70MT..KPBF Datasheet HTML 5Page - Vishay Siliconix 60-70MT..KPBF Datasheet HTML 6Page - Vishay Siliconix 60-70MT..KPBF Datasheet HTML 7Page - Vishay Siliconix 60-70MT..KPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94356
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
1
Three Phase Bridge
(Power Modules), 60/70 A
60-70MT..KPbF Series
Vishay High Power Products
FEATURES
• Package fully compatible with the industry
standard INT-A-PAK power modules series
• High thermal conductivity package, electrically
insulated case
• Excellent power volume ratio, outline for easy connections
to power transistor and IGBT modules
• 4000 VRMS isolating voltage
• UL E78996 approved
• Totally lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION
A range of extremely compact, encapsulated three phase
bridge rectifiers offering efficient and reliable operation. They
are intended for use in general purpose and heavy duty
applications.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IO
60/70 A
MTK
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
60MT.K
70MT.K
UNITS
IO
60 (75)
70 (90)
A
TC
85 (61)
85 (57)
°C
IFSM
50 Hz
420
480
A
60 Hz
440
500
I2t
50 Hz
870
1150
kA2s
60 Hz
790
1050
I2
√t
8700
11 500
kA2
√s
VRRM
Range
800 to 1600
V
TStg
Range
- 40 to 150
°C
TJ
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ MAXIMUM
mA
60-70MT..K
80
800
900
10
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700


Similar Part No. - 60-70MT..KPBF

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
60-01LTGG MULTICOMP-60-01LTGG Datasheet
344Kb / 2P
SMT Straight Plug Crimp
21/01/13
60-02LTGG MULTICOMP-60-02LTGG Datasheet
415Kb / 2P
SMA Right Angle Plug Crimp
24/01/13
60-03LTGG MULTICOMP-60-03LTGG Datasheet
371Kb / 2P
SMA Bulkhead Jack Straight, Crimp
21/01/13
logo
Chemtronics. All rights...
60-1-5 CHEMTRONICS-60-1-5 Datasheet
711Kb / 2P
Soder-Wick® No Clean Desoldering Braid
Rev. G 8/18
logo
Copyright Pickering Ele...
60-1-A PICKERING-60-1-A Datasheet
916Kb / 8P
High Voltage Dry Reed Relays
More results

Similar Description - 60-70MT..KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60MT80KPBF VISHAY-60MT80KPBF Datasheet
132Kb / 6P
Three Phase Bridge (Power Modules), 60/70 A
29-Apr-08
VS-60-70MTKPBF VISHAY-VS-60-70MTKPBF Datasheet
193Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
27-Feb-14
VS-MTKPBF VISHAY-VS-MTKPBF Datasheet
210Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
14-Sep-17
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
02-Mar-18
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
16-Feb-2022
VS-60-70MT..KPBF VISHAY-VS-60-70MT..KPBF Datasheet
210Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
14-Sep-17
VS-301MT...C VISHAY-VS-301MT...C_V02 Datasheet
183Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
16-Feb-2022
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V02 Datasheet
113Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
VS-60-70MT..KPBF VISHAY-VS-60-70MT..KPBF_V02 Datasheet
210Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
14-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com