Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8182 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8182
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8182_09 Datasheet HTML 1Page - ON Semiconductor CS8182_09 Datasheet HTML 2Page - ON Semiconductor CS8182_09 Datasheet HTML 3Page - ON Semiconductor CS8182_09 Datasheet HTML 4Page - ON Semiconductor CS8182_09 Datasheet HTML 5Page - ON Semiconductor CS8182_09 Datasheet HTML 6Page - ON Semiconductor CS8182_09 Datasheet HTML 7Page - ON Semiconductor CS8182_09 Datasheet HTML 8Page - ON Semiconductor CS8182_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS8182
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VIN = 14 V; VREF/ENABLE > 2.75 V; −40°C < TJ < +125°C; COUT ≥ 10 mF;
0.1 W < COUT−ESR < 1.0 W @ 10 kHz, unless otherwise specified.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Regular Output
VREF − VOUT
VOUT Tracking Error
4.5 V ≤ VIN ≤ 26 V, 100 mA ≤ IOUT ≤ 200 mA, Note 2
VIN = 12 V, IOUT = 30 mA, VREF = 5.0 V, Note 2
−10
−5.0
−
−
10
5
mV
mV
Dropout Voltage (VIN − VOUT)
IOUT = 100 mA
IOUT = 30 mA
IOUT = 200 mA
−
−
−
100
−
350
150
500
600
mV
mV
mV
Line Regulation
4.5 V ≤ VIN ≤ 26 V, Note 2
−
−
10
mV
Load Regulation
100 mA ≤ IOUT ≤ 200 mA, Note 2
−
−
10
mV
Adj Lead Current
Loop in Regulation
−
0.2
1.0
mA
Current Limit
VIN = 14 V, VREF = 5.0 V, VOUT = 90% of VREF, Note 2
250
−
700
mA
Quiescent Current (IIN − IOUT)
VIN = 12 V, IOUT = 200 mA
VIN = 12 V, IOUT = 100 mA
VIN = 12 V, VREF/ENABLE = 0 V
−
−
−
15
75
30
25
150
55
mA
mA
mA
Reverse Current
VOUT = 5.0 V, VIN = 0 V
−
0.2
1.5
mA
Ripple Rejection
f = 120 Hz, IOUT = 200 mA, 4.5 V ≤ VIN ≤ 26 V
60
−
−
dB
Thermal Shutdown
GBD
150
180
210
°C
VREF/ENABLE
Enable Voltage
−
0.80
2.00
2.75
V
Input Bias Current
VREF/ENABLE
−
0.2
1.0
mA
2. VOUT connected to Adj lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com