Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV26F Datasheet(PDF) 6 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYV26F
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYV26F Datasheet(HTML) 6 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYV26F Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYV26F Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYV26F Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BYV26F Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd BYV26F Datasheet HTML 5Page - Shenzhen Taychipst Electronic Co., Ltd BYV26F Datasheet HTML 6Page - Shenzhen Taychipst Electronic Co., Ltd BYV26F Datasheet HTML 7Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Fig.12 Maximum permissible junction temperature
Fig.11 Maximum permissible junction temperature
Fig.10 Maximum steady state power dissipation
Fig.9 Maximum steady state power dissipation
6 of 7
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
01
2
0
1
P
(W)
0.5
I F(AV)(A)
2
1.57
1.42
3
a = 3 2.5
BYV26A to E
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
(forward plus leakage current losses,
excluding switching losses) as a function of
average forward current.
BYV26F and G
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
(forward plus leakage current losses,
excluding switching losses) as a function of
average forward current.
01
2
0
1
P
(W)
0.5
I F(AV)(A)
3
1.42
a = 3
2.5
2
1.57
BYV26A to E
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
as a function of reverse voltage.
handbook, halfpage
200
0
400
1200
0
800
100
V
(V)
R
T j
( C)
o
AB
C
D
E
BYV26F and G
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
as a function of reverse voltage.
handbook, halfpage
200
0
2000
0
1000
100
V
(V)
R
T j
( C)
o
FG
200V-1400V
0.65A-1.05
Fast soft-recovery
controlled avalanche rectifiers
BYV26 series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com