Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZ18 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # CMZ18
Description  Constant Voltage Regulator Transient Suppressors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

CMZ18 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  CMZ18 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd CMZ18 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMZ12 THRU CMZ53
12V-53V
0.2A
Suitable for compact assembly due to small surface-mount
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
.
• Repetitive peak reverse voltage: VRRM
• Average forward current: IF (AV)
• Forward voltage: VFM
• Very fast reverse-recovery time: trr = 100 ns (max.)
•
“M −FLATTM” (Toshiba package name)
Package
SOD-123
Electrical Characteristics (Ta = 25°C)
Zener Voltage
Vz (V)
Zener Impedance
rd (Ω)
Temperature
Coefficient
Of Zener
Forward Voltage
VF (V)
Reverse Current
IR (μA)
αT (mV/°C)
Type
Min
Typ.
Max
Measure-
ment
Current
IZ (mA)
Max
Measure-
ment
Current
IZ (mA)
Typ.
Max
Max
Measure-
ment
Current
IF (A)
Max
Measure-
ment
Voltage
VR (V)
CMZ12
10.8
12
13.2
10
30
10
8
13
1.2
0.2
10
8
CMZ13
11.7
13
14.3
10
30
10
9
14
1.2
0.2
10
9
CMZ15
13.5
15
16.5
10
30
10
11
17
1.2
0.2
10
10
CMZ16
14.4
16
17.6
10
30
10
12
19
1.2
0.2
10
11
CMZ18
16.2
18
19.8
10
30
10
14
23
1.2
0.2
10
13
CMZ20
18.0
20
22.0
10
30
10
16
26
1.2
0.2
10
14
CMZ22
19.8
22
24.2
10
30
10
18
28
1.2
0.2
10
16
CMZ24
21.6
24
26.4
10
30
10
20
32
1.2
0.2
10
17
CMZ27
24.3
27
29.7
10
30
10
23
36
1.2
0.2
10
19
CMZ30
27.0
30
33.0
10
30
10
25
40
1.2
0.2
10
21
CMZ33
29.7
33
36.3
10
30
10
26
41
1.2
0.2
10
26.4
CMZ36
32.4
36
39.6
9
30
9
28
45
1.2
0.2
10
28.8
CMZ39
35.1
39
42.9
8
35
8
30
48
1.2
0.2
10
31.2
CMZ43
38.7
43
47.3
7
40
7
33
53
1.2
0.2
10
34.4
CMZ47
42.3
47
51.7
6
65
6
38
60
1.2
0.2
10
37.6
CMZ51
45.9
51
56.1
6
65
6
43
68
1.2
0.2
10
40.8
CMZ53
47.7
53
58.3
5
85
5
49
77
1.2
0.2
10
42.4
Constant Voltage Regulator
Transient Suppressors


Similar Part No. - CMZ18

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMZ18 TOSHIBA-CMZ18 Datasheet
174Kb / 5P
Constant Voltage Regulation Transient Suppressors
CMZ18A TOSHIBA-CMZ18A Datasheet
266Kb / 6P
Zener Diode Silicon Epitaxial Planar
2024-09-05 Rev.1.0
More results

Similar Description - CMZ18

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2Z12 TOSHIBA-2Z12 Datasheet
135Kb / 2P
DIODE (CONSTANT VOLTAGE REGULATION, TRANSIENT SUPPRESSORS)
U1ZB6.8 TOSHIBA-U1ZB6.8 Datasheet
132Kb / 5P
CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
U2Z12 TOSHIBA-U2Z12 Datasheet
97Kb / 3P
CONSTANT VOLTAGE REGULATION INDUSTRIAL USE TRANSIENT SUPPRESSORS NOISE LIMITTER
CMZ12 TOSHIBA-CMZ12 Datasheet
174Kb / 5P
Constant Voltage Regulation Transient Suppressors
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com