Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317LBZRPG Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM317LBZRPG
Description  100 mA Adjustable Output, Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LBZRPG Datasheet(HTML) 3 Page - ON Semiconductor

  LM317LBZRPG Datasheet HTML 1Page - ON Semiconductor LM317LBZRPG Datasheet HTML 2Page - ON Semiconductor LM317LBZRPG Datasheet HTML 3Page - ON Semiconductor LM317LBZRPG Datasheet HTML 4Page - ON Semiconductor LM317LBZRPG Datasheet HTML 5Page - ON Semiconductor LM317LBZRPG Datasheet HTML 6Page - ON Semiconductor LM317LBZRPG Datasheet HTML 7Page - ON Semiconductor LM317LBZRPG Datasheet HTML 8Page - ON Semiconductor LM317LBZRPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM317L, NCV317LB
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VI-VO = 5.0 V; IO = 40 mA; TJ = Tlow to Thigh (Note 3); Imax and Pmax (Note 4);
unless otherwise noted.)
LM317L, LB, NCV317LB
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Line Regulation (Note 5)
TA = 25°C, 3.0 V ≤ VI - VO ≤ 40 V
1
Regline
-
0.01
0.04
%/V
Load Regulation (Note 5), TA = 25°C
10 mA
≤ IO ≤ Imax - LM317L
VO ≤ 5.0 V
VO ≥ 5.0 V
2
Regload
-
-
5.0
0.1
25
0.5
mV
% VO
Adjustment Pin Current
3
IAdj
-
50
100
mA
Adjustment Pin Current Change
2.5 V
≤ VI - VO ≤ 40 V, PD ≤ Pmax
10 mA
≤ IO ≤ Imax - LM317L
1, 2
DIAdj
-
0.2
5.0
mA
Reference Voltage
3.0 V
≤ VI - VO ≤ 40 V, PD ≤ Pmax
10 mA
≤ IO ≤ Imax - LM317L
3
Vref
1.20
1.25
1.30
V
Line Regulation (Note 5), 3.0 V
≤ VI - VO ≤ 40 V
1
Regline
-
0.02
0.07
%/V
Load Regulation (Note 5)
10 mA
≤ IO ≤ Imax - LM317L
VO ≤ 5.0 V
VO ≥ 5.0 V
2
Regload
-
-
20
0.3
70
1.5
mV
% VO
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
3
TS
-
0.7
-
% VO
Minimum Load Current to Maintain Regulation (VI - VO = 40 V)
3
ILmin
-
3.5
10
mA
Maximum Output Current
VI - VO ≤ 6.25 V, PD ≤ Pmax, Z Package
VI - VO ≤ 40 V, PD ≤ Pmax, TA = 25°C, Z Package
3
Imax
100
-
200
20
-
-
mA
RMS Noise, % of VO
TA = 25°C, 10 Hz ≤ f ≤ 10 kHz
-
N
-
0.003
-
% VO
Ripple Rejection (Note 6)
VO = 1.2 V, f = 120 Hz
CAdj = 10 mF, VO = 10.0 V
4
RR
60
-
80
80
-
-
dB
Thermal Shutdown (Note 7)
-
-
-
180
-
°C
Long Term Stability, TJ = Thigh (Note 8)
TA = 25°C for Endpoint Measurements
3
S
-
0.3
1.0
%/1.0 k
Hrs.
3. Tlow to Thigh = 0° to +125°C for LM317L
-40
° to +125°C for LM317LB, NCV317LB
4. Imax = 100 mAPmax = 625 mW
5. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
6. CAdj, when used, is connected between the adjustment pin and ground.
7. Thermal characteristics are not subject to production test.
8. Since Long-Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot to lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com