Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931CD Datasheet(PDF) 9 Page - ON Semiconductor

Part # LM2931CD
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931CD Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LM2931CD Datasheet HTML 5Page - ON Semiconductor LM2931CD Datasheet HTML 6Page - ON Semiconductor LM2931CD Datasheet HTML 7Page - ON Semiconductor LM2931CD Datasheet HTML 8Page - ON Semiconductor LM2931CD Datasheet HTML 9Page - ON Semiconductor LM2931CD Datasheet HTML 10Page - ON Semiconductor LM2931CD Datasheet HTML 11Page - ON Semiconductor LM2931CD Datasheet HTML 12Page - ON Semiconductor LM2931CD Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
9
Figure 17. Fixed Output Regulator
Figure 18. Adjustable Output Regulator
Figure 19. (5.0 A) Low Differential
Voltage Regulator
Figure 20. Current Boost Regulator with
Short Circuit Projection
Figure 21. Constant Intensity Lamp Flasher
Vin
Input
Output
Vout
CO
IB
GND
Cin
0.1
LM2931-5.0
Fixed
Output
Switch Position 1 = Output “On", 2 = Output “Off"
LM2931C
Adjustable
Output
Vin
Cin
0.1
Vout
CO
Output
Input
51 k
1
2
Output
Inhibit
Adjust
GND
IAdj
R1
R2
IB
The LM2931 series can be current boosted with a PNP transistor. The
D45VH7, on a heatsink, will provide an output current of 5.0 A with an input
to output voltage differential of approximately 1.0 V. Resistor R in
conjunction with the VBE of the PNP determines when the pass transistor
begins conducting. This circuit is not short circuit proof.
Input
≥ 6.0 V
D45VH7
5.0 V @ 5.0 A
Output
100
+
100
+
68
LM2931-5.0
LM2931C
Input
6.4 V to 30 V
2.0 k
8.2 k
100
+
CM
#345
100
+
33 k
6.2 V
fosc = 2.2 Hz
0
22.5k
w
R
1
R
2
R
1 )
R
2
Vout + Vref 1 )
R
2
R
1
) I
Adj
R
2
R
The circuit of Figure 19 can be modified to provide supply protection against
short circuits by adding the current sense resistor RSC and an additional PNP
transistor. The current sensing PNP must be capable of handling the short
circuit current of the LM2931. Safe operating area of both transistors must be
considered under worst case conditions.
Input
R
RSC
Output
LM2931-5.0
100
100
++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com