Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y100 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # Y100
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

Y100 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  Y100 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd Y100 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd Y100 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZY97 SERIES
2 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
3.9V-200V
1.5W
ZENER DIODES
Electrical Characteristics
Dynamic
Resistance
Temperature
Coefficient
of Zener Voltage
Test
Current
Leakage
Current
Reverse
Voltage
Admis.
Zener
Current
rzj@IZT,
f=1kHZ
@IZT
IZT
IR
VR
IZ
@Tamb=60°C
IZSM,
tp=10ms
VV
Ω
Αvz(10
-4/K)
m A
µ A
Vm A
A
Min.
Max.
typ
BZY97C3V9
Y3V9
3.7
4.1
7.0
-0.025
100
15
1.0
366
3.7
BZY97C4V3
Y4V3
4.0
4.6
7.0
-0.020
100
10
1.0
327
3.4
BZY97C4V7
Y4V7
4.4
5.0
7.0
-0.020
100
5.0
1.0
300
3.1
BZY97C5V1
Y5V1
4.8
5.4
5.0
-0.010
100
3.0
1.0
278
2.8
BZY97C5V6
Y5V6
5.2
6.0
2.0
0.020
100
1.0
1.0
250
2.6
BZY97C6V2
Y6V2
5.8
6.6
2.0
0.050
100
1.0
1.0
227
2.3
BZY97C6V8
Y6V8
6.4
7.2
2.0
0.350
100
1.0
1.0
208
2.1
BZY97C7V5
Y7V5
7.0
7.9
2.0
0.350
100
1.0
2.0
190
1.9
BZY97C8V2
Y8V2
7.7
8.7
2.0
0.055
100
1.0
3.5
175
1.8
BZY97C9V1
Y9V1
8.5
9.6
4.0
0.055
50
1.0
3.5
156
1.6
BZY97C10
Y10
9.4
10.6
4.0
0.070
50
1.0
5.0
142
1.4
BZY97C11
Y11
10.4
11.6
7.0
+5 to +10
50
1.0
5.0
129
1.3
BZY97C12
Y12
11.4
12.7
7.0
+5 to +10
50
1.0
7.0
118
1.2
BZY97C13
Y13
12.4
14.1
10
+5 to +10
50
1.0
7.0
106
1.1
BZY97C15
Y15
13.8
15.8
10
+5 to +10
50
1.0
10
96
1.0
BZY97C16
Y16
15.3
17.1
15
+6 to +11
25
1.0
10
88
0.90
BZY97C18
Y18
16.8
19.1
15
+6 to +11
25
1.0
10
79
0.81
BZY97C20
Y20
18.8
21.2
15
+6 to +11
25
1.0
10
71
0.73
BZY97C22
Y22
20.8
23.3
15
+6 to +11
25
1.0
12
64
0.66
BZY97C24
Y24
22.8
25.6
15
+6 to +11
25
1.0
12
59
0.60
BZY97C27
Y27
25.1
28.9
15
+6 to +11
25
1.0
14
52
0.53
BZY97C30
Y30
28
32
15
+6 to +11
25
1.0
14
47
0.48
BZY97C33
Y33
31
35
15
+6 to +11
25
1.0
17
43
0.44
BZY97C36
Y36
34
38
40
+6 to +11
10
1.0
17
40
0.4
BZY97C39
Y39
37
41
40
+6 to +11
10
1.0
20
37
0.38
BZY97C43
Y43
40
46
45
+7 to +12
10
1.0
20
33
0.33
BZY97C47
Y47
44
50
45
+7 to +12
10
1.0
24
30
0.31
BZY97C51
Y51
48
54
60
+7 to +12
10
1.0
24
28
0.28
BZY97C56
Y56
52
60
60
+7 to +12
10
1.0
28
25
0.26
BZY97C62
Y62
58
66
80
+7 to +12
10
1.0
28
23
0.23
BZY97C68
Y68
64
72
80
+7 to +12
10
1.0
34
21
0.21
BZY97C75
Y75
70
79
100
+7 to +12
10
1.0
34
19
0.19
BZY97C82
Y82
77
88
100
+7 to +12
10
1.0
41
17
0.18
BZY97C91
Y91
85
96
200
+8 to +13
5.0
1.0
41
16
0.16
BZY97C100
Y100
94
106
200
+8 to +13
5.0
1.0
50
14
0.15
BZY97C110
Y110
104
116
250
+8 to +13
5.0
1.0
50
13
0.13
BZY97C120
Y120
114
127
250
+8 to +13
5.0
1.0
60
12
0.12
BZY97C130
Y130
124
141
300
+8 to +13
5.0
1.0
60
11
0.11
BZY97C150
Y150
138
156
300
+8 to +13
5.0
1.0
75
10
0.10
BZY97C160
Y160
153
171
350
+8 to +13
5.0
1.0
75
9.0
0.09
BZY97C180
Y180
168
191
350
+8 to +13
5.0
1.0
90
8.0
0.08
BZY97C200
Y200
188
212
350
+8 to +13
5.0
1.0
90
7.0
0.07
Note:1)Tested with pulses tp=5 ms
Part
Number
Zener Voltage
Range
1)
VZ@IZT
Device
marking
code



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com