Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8575 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8575
Description  Smart, simple solutions for the 12 most common design concerns
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8575 Datasheet(HTML) 6 Page - NXP Semiconductors

  PCF8575 Datasheet HTML 1Page - NXP Semiconductors PCF8575 Datasheet HTML 2Page - NXP Semiconductors PCF8575 Datasheet HTML 3Page - NXP Semiconductors PCF8575 Datasheet HTML 4Page - NXP Semiconductors PCF8575 Datasheet HTML 5Page - NXP Semiconductors PCF8575 Datasheet HTML 6Page - NXP Semiconductors PCF8575 Datasheet HTML 7Page - NXP Semiconductors PCF8575 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LCD drivers
Character driver
PCF2113
I2C Fm 1/2-line, 12-character, 120-icon LCD
driver
PCF2116
I2C Sm 1/2-line, 24 characters per line, or 2/4
line, 12 characters per line
PCF2119
I2C Fm 1/2-line, 16-character, 160-icon LCD
driver
Graphic driver
PCF8531
I2C Fm 34 x 128-pixel LCD driver
PCF8578
I2C Sm Dot-matrix LCD driver (row/column)
PCF8579
I2C Sm Dot-matrix LCD driver (column)
PCF8811
I2C Hsm 80 x 128-pixel LCD driver
Segment driver
PCF8577C
I2C Sm 64-segment LCD driver
PCF8566
I2C Sm 96-segment LCD driver
+ PCA/PCF85162    I2C Fm 128-segment LCD driver
+ PCA/PCF85176    I2C Fm 160-segment LCD driver
+ PCA/PCF85134    I2C Fm 240-segment LCD driver
+ PCA/PCF85133    I2C Fm 320-segment, COG LCD driver
+ PCA/PCF8536     I
2
C Fm 320-segment plus LED backlight
control
PCF8578
I2C Sm 384-segment LCD driver
+ PCA9620
I2C Fm 480-segment LCD driver
+ PCA/PCF85132    I2C Fm 640-segment COG LCD driver
+ PCA85232        
I2C Fm 640-segment COG LCD driver
A/D-D/A
converters
8-bit ADC
PCF8591
I2C Sm 4-channel ADC and 1-channel DAC
EEPROMs
2-kbit
PCF85102C
I2C Sm 256 x 8-bit EEPROM (No programming time
control output)
PCF85103C
I2C Sm 256 x 8-bit EEPROM (No programming time
control output with ALT address)
PCF8582C
I2C Sm 256 x 8 EEPROM
PCF8570
I2C Sm 256 x 8-bit RAM
4-kbit
PCF8594C
I2C Sm 1024 x 8-bit EEPROM
SL3S4001
I2C Fm 3.6K bit EEPROM with dual Gen2 RFID
interface
8-kbit
PCA24S08A I
2
C Fm 1024 x 8-bit EEPROM with access protec-
tion
PCF8598C
I2C Sm 1024 x 8-bit EEPROM
DIP switch
PCA8550
I2C Fm 4-bit 1-of-2 mux & 5-bit EEPROM
PCA9558
I2C Fm 5-bit MP/1-bit latch & 6-bit EEPROM with
2K EEPROM and 8-bit GPIO
PCA9559
I2C Fm 5-bit mux/1-bit latch & 6-bit EEPROM
PCA9560
I2C Fm 2 x 5-bit mux/1-bit latch & 6-bit EEPROM
PCA9561
I2C Fm 4 x 6-bit mux & 6-bit EEPROM
Bridge and bus
controllers
Bridge
SC16IS740
I2C Fm/SPI-to-UART bridge with IrDA
SC16lS741
I2C Fm/SPI-to-UART bridge with IrDA
SC16IS750
I2C Fm/SPI-to-UART bridge with IrDA and GPIO
SC16IS752
I2C Fm/SPI-to-DUART bridge with IrDA and GPIO
SC16IS760
I2C Fm/SPI-to-UART bridge with IrDA and GPIO
SC16IS762
I2C Fm/SPI-to-DUART bridge with IrDA and GPIO
SC18IM700
UART-to-I2C Fm master bridge with GPIO
SC18IS600
SPI-to-I2C Fm master bridge, 4 M with GPIO
SC18IS602
I2C Fm slave-to-SPI master bridge
Controller
PCF8584
I2C Sm bus controller with bus snoop
PCA9564
I2C Fm bus controller
PCA9661
1-channel I2C Fm+ bus controller with 4 K-byte
buffer
PCA9663
3-channel I2C Fm+ bus controller with 4 K-byte
buffer per channel
PCA9665
I2C Fm+ bus controller with 68-byte buffer
PCA9665A
I2C Fm+ bus controller with 68-byte buffer and
restart condition fix
PCU9661
1-channel UFm bus controller with 4 K-byte buffer
PCU9669
1-channel Fm+ and 2-channel UFm bus controller
with 4 K-byte buffer per channel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com