Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9538D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9538D
Description  I2C Demonstration Board 2005-1 Quick Start Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9538D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9538D Datasheet HTML 4Page - NXP Semiconductors PCA9538D Datasheet HTML 5Page - NXP Semiconductors PCA9538D Datasheet HTML 6Page - NXP Semiconductors PCA9538D Datasheet HTML 7Page - NXP Semiconductors PCA9538D Datasheet HTML 8Page - NXP Semiconductors PCA9538D Datasheet HTML 9Page - NXP Semiconductors PCA9538D Datasheet HTML 10Page - NXP Semiconductors PCA9538D Datasheet HTML 11Page - NXP Semiconductors PCA9538D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UM10206
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
User manual
Rev. 01 — 13 June 2006
8 of 12
Philips Semiconductors
UM10206
I2C Demonstration Board 2005-1 Quick Start Guide
7.
Starting Win-I2CUSB Lite
When you have correctly installed the software and the Demonstration Board Hardware is
connected and recognized by the computer, start the Win-I2CUSB Lite software (see
Figure 4).
• When the Demonstration Board hardware is correctly connected to the USB port and
the computer recognizes it, the message “Hardware Detected” is displayed.
• Switched 3.3 V and 5.0 V power supplies are controlled through the “Options” menu
or by double clicking on the 3.3 V or 5.0 V symbols on the lower side of the main
window. Power supplies are disabled by default and you must enable them before
using the I2C-bus devices on the board.
• I2C-bus frequency is controlled through the “Options” menu or by double clicking on
the frequency symbol in the lower side of the main window.
• I2C-bus devices on the board are controlled using the corresponding control window
in the “Device” menu. You can only select I2C-bus devices which are on the board and
are highlighted in the menu.
• The Expert Mode selected through “Device
Universal Modes” allows you to send
customized I2C-bus commands to any device on the board. Expert Mode is limited to
8 lines of command in the Lite version of the software. Each line of command can
have up to 9 bytes of data.
Fig 4.
Win-I2CUSB Lite main window
Switched power
indicators
I
2C frequency
Device selection
(devices not supported in Lite
version are dimmed)
Access to the Expert Mode that allows
writing specific I
2C commands
Board Self Test Routine
Hardware detection message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com