Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF4393 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPF4393
Description  JFET Switching Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF4393 Datasheet(HTML) 2 Page - ON Semiconductor

  MPF4393 Datasheet HTML 1Page - ON Semiconductor MPF4393 Datasheet HTML 2Page - ON Semiconductor MPF4393 Datasheet HTML 3Page - ON Semiconductor MPF4393 Datasheet HTML 4Page - ON Semiconductor MPF4393 Datasheet HTML 5Page - ON Semiconductor MPF4393 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPF4392, MPF4393
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Gate −Source Breakdown Voltage
(IG = −1.0 mAdc, VDS = 0)
V(BR)GSS
30
−
−
Vdc
Gate Reverse Current
(VGS = −15 Vdc, VDS = 0)
(VGS = −15 Vdc, VDS = 0, TA = 100°C)
IGSS
−
−
−
−
1.0
0.2
nAdc
mAdc
Drain−Cutoff Current
(VDS = 15 Vdc, VGS = −12 Vdc)
(VDS = 15 Vdc, VGS = −12 Vdc, TA = 100°C)
ID(off)
−
−
−
−
1.0
1.0
nAdc
mAdc
Gate Source Voltage
(VDS = 15 Vdc, ID = 10 nAdc)
MPF4392
MPF4393
VGS
−2.0
−0.5
−
−
−5.0
−3.0
Vdc
ON CHARACTERISTICS
Zero−Gate −Voltage Drain Current (Note 1)
(VDS = 15 Vdc, VGS = 0)
MPF4392
MPF4393
IDSS
25
5.0
−
−
75
30
mAdc
Drain−Source On−Voltage
(ID = 6.0 mAdc, VGS = 0)
MPF4392
(ID = 3.0 mAdc, VGS = 0)
MPF4393
VDS(on)
−
−
−
−
0.4
0.4
Vdc
Static Drain−Source On Resistance
(ID = 1.0 mAdc, VGS = 0)
MPF4392
MPF4393
rDS(on)
−
−
−
−
60
100
W
SMALL−SIGNAL CHARACTERISTICS
Forward Transfer Admittance
(VDS = 15 Vdc, ID = 25 mAdc, f = 1.0 kHz)
MPF4392
(VDS = 15 Vdc, ID = 5.0 mAdc, f = 1.0 kHz)
MPF4393
|yfs|
−
−
17
12
−
−
mmhos
Drain−Source “ON” Resistance
(VGS = 0, ID = 0, f = 1.0 kHz)
MPF4392
MPF4393
rds(on)
−
−
−
−
60
100
W
Input Capacitance (VGS = 15 Vdc, VDS = 0, f = 1.0 MHz)
Ciss
−
6.0
10
pF
Reverse Transfer Capacitance
(VGS = 12 Vdc, VDS = 0, f = 1.0 MHz)
(VDS = 15 Vdc, ID = 10 mAdc, f = 1.0 MHz)
Crss
−
−
2.5
3.2
3.5
−
pF
SWITCHING CHARACTERISTICS
Rise Time (See Figure 2)
(ID(on) = 6.0 mAdc)
MPF4392
(ID(on) = 3.0 mAdc)
MPF4393
tr
−
−
2.0
2.5
5.0
5.0
ns
Fall Time (See Figure 4)
(VGS(off) = 7.0 Vdc)
MPF4392
(VGS(off) = 5.0 Vdc)
MPF4393
tf
−
−
15
29
20
35
ns
Turn−On Time (See Figures 1 and 2)
(ID(on) = 6.0 mAdc)
MPF4392
(ID(on) = 3.0 mAdc)
MPF4393
ton
−
−
4.0
6.5
15
15
ns
Turn−Off Time (See Figures 3 and 4)
(VGS(off) = 7.0 Vdc)
MPF4392
(VGS(off) = 5.0 Vdc)
MPF4393
toff
−
−
20
37
35
55
ns
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 3.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com