Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF4392 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPF4392
Description  JFET Switching Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF4392 Datasheet(HTML) 3 Page - ON Semiconductor

  MPF4392 Datasheet HTML 1Page - ON Semiconductor MPF4392 Datasheet HTML 2Page - ON Semiconductor MPF4392 Datasheet HTML 3Page - ON Semiconductor MPF4392 Datasheet HTML 4Page - ON Semiconductor MPF4392 Datasheet HTML 5Page - ON Semiconductor MPF4392 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPF4392, MPF4393
http://onsemi.com
3
Figure 1. Turn−On Delay Time
Figure 2. Rise Time
Figure 3. Turn−Off Delay Time
Figure 4. Fall Time
TYPICAL SWITCHING CHARACTERISTICS
ID, DRAIN CURRENT (mA)
5.0
2.0
20
10
0.5
1.0
3.0
7.0
5.0
1.0
50
100
0.7
2.0
10
20
30
50
200
500
1000
VGS(off) = 7.0 V
= 5.0 V
MPF4392
MPF4393
ID, DRAIN CURRENT (mA)
5.0
2.0
20
10
0.5
1.0
3.0
7.0
5.0
1.0
50
100
0.7
2.0
10
20
30
50
200
500
1000
ID, DRAIN CURRENT (mA)
5.0
2.0
20
10
0.5
1.0
3.0
7.0
5.0
1.0
50
100
0.7
2.0
10
20
30
50
200
500
1000
ID, DRAIN CURRENT (mA)
5.0
2.0
20
10
0.5
1.0
3.0
7.0
5.0
1.0
50
100
0.7
2.0
10
20
30
50
200
500
1000
TJ = 25°C
TJ = 25°C
TJ = 25°C
TJ = 25°C
RK = RD′
RK = 0
RK = RD′
RK = 0
RK = RD′
RK = 0
RK = RD′
RK = 0
VGS(off) = 7.0 V
= 5.0 V
MPF4392
MPF4393
VGS(off) = 7.0 V
= 5.0 V
MPF4392
MPF4393
VGS(off) = 7.0 V
= 5.0 V
MPF4392
MPF4393



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com