| Electronic Components Datasheet Search |
|
SLAS753C Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS753C Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 44 page ![]() MSP430G22x0 www.ti.com SLAS753D – JANUARY 2012 – REVISED AUGUST 2012 Operating Modes The MSP430 has one active mode and five software-selectable low-power modes of operation. An interrupt event can wake the device from any of the five low-power modes, service the request, and restore back to the low-power mode on return from the interrupt program. The following six operating modes can be configured by software: • Active mode (AM) – All clocks are active • Low-power mode 0 (LPM0) – CPU is disabled – ACLK and SMCLK remain active – MCLK is disabled • Low-power mode 1 (LPM1) – CPU is disabled – ACLK and SMCLK remain active. MCLK is disabled – DCO's dc-generator is disabled if DCO not used in active mode • Low-power mode 2 (LPM2) – CPU is disabled – MCLK and SMCLK are disabled – DCO's dc-generator remains enabled – ACLK remains active • Low-power mode 3 (LPM3) – CPU is disabled – MCLK and SMCLK are disabled – DCO's dc-generator is disabled – ACLK remains active • Low-power mode 4 (LPM4) – CPU is disabled – ACLK is disabled – MCLK and SMCLK are disabled – DCO's dc-generator is disabled – Crystal oscillator is stopped Copyright © 2012, Texas Instruments Incorporated Submit Documentation Feedback 7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |