Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPM333FDFG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMPM333FDFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM333FDFG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMPM333FDFG Datasheet HTML 9Page - Toshiba Semiconductor TMPM333FDFG Datasheet HTML 10Page - Toshiba Semiconductor TMPM333FDFG Datasheet HTML 11Page - Toshiba Semiconductor TMPM333FDFG Datasheet HTML 12Page - Toshiba Semiconductor TMPM333FDFG Datasheet HTML 13Page - Toshiba Semiconductor TMPM333FDFG Datasheet HTML 14Page - Toshiba Semiconductor TMPM333FDFG Datasheet HTML 15Page - Toshiba Semiconductor TMPM333FDFG Datasheet HTML 16Page - Toshiba Semiconductor TMPM333FDFG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TMPM330
System MCU
Commands
Bitstream Interface
Serial Communications
Keys
Tuner
Display
CD/USB Control MCU
TMPM320
CD Processor
Flash
Peripheral Device
USB Memory
SD Card
Sound Control & Output
Electronic Volume
Power Amp
Toshiba Semiconductor
Microcomputer web page
Product Lineup
Car audio systems
Home audio systems
Application
The TMPM320C1DFG of the M320 Group incorporates a USB host controller and an SD host controller. Additionally, it has
a 1-MB DRAM to process a large amount of data.
The TMPM320C1DFG can be used in tandem with a system MCU and a CD processor to play back music content from
USB memory, etc.
High-performance ARM
CortexTM-M3 core: 144-MHz
operation (max)
USB 2.0 host controller (HS/FS)
SD host controller
320-KB SRAM and 1-MB DRAM
TMPM320C1DFG
Part Number
–
320 KB
LQFP144 (20 x 20 mm)
ROM
Size
RAM
Size
1 MB
DRAM
Size
Package
USB host controller (HS/FS)
SD host controller
DRAM 1 MB
Features
Features
System Block Diagram (Car Audio System)
USB/SD Audio Features
Music content playback from an
USB memory
Music content playback from an SD card
(SDHC and SDXC* supported)
Quick USB/SD analysis
PlayList playback*
Alphabetical sorting
Supports MP3, WMA, AAC and WAV.
* Enhancements will be added.
TOSHIBA Semiconductor & Storage Products Company
http://www.semicon.toshiba.co.jp/eng/
Right here and now !
You can find microcontrollers that will best suit your applications.
Find microcontrollers based on applications.
Find microcontrollers based on the core performance.
Find microcontrollers based on functions.
Find development systems.
Information on new products
–
13 –
M320 Group (for Audio Applications)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com