Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPM380FDFG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMPM380FDFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM380FDFG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMPM380FDFG Datasheet HTML 16Page - Toshiba Semiconductor TMPM380FDFG Datasheet HTML 17Page - Toshiba Semiconductor TMPM380FDFG Datasheet HTML 18Page - Toshiba Semiconductor TMPM380FDFG Datasheet HTML 19Page - Toshiba Semiconductor TMPM380FDFG Datasheet HTML 20Page - Toshiba Semiconductor TMPM380FDFG Datasheet HTML 21Page - Toshiba Semiconductor TMPM380FDFG Datasheet HTML 22Page - Toshiba Semiconductor TMPM380FDFG Datasheet HTML 23Page - Toshiba Semiconductor TMPM380FDFG Datasheet HTML 24Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Part Number
Power
Supply
Voltage
(V)
Operating
Temperature
(˚C)
Package
TMPM370FYDFG
256K
10K
80
4
22
8
2
2
4
4
16
Yes
Yes
Yes
Yes
76
4.5 to
5.5
-40 to
85
QFP100
(14×20 mm)
TMPM370FYFG
80
4
22
8
2
2
4
4
16
Yes
Yes
Yes
Yes
76
LQFP100
(14×14 mm)
TMPM330FYFG
16K
40
3
3
12
10
1
2
8
1
Yes
Yes
78
2.7 to
3.6
-20 to
85
TMPM330FYWFG
40
3
3
12
10
1
2
8
1
Yes
Yes
78
-40 to
85
TMPM333FYFG
40
3
3
12
10
8
1
Yes
Yes
78
-20 to
85
TMPM377FYDFG **
80
3
1
11
8
2
2
5
Yes
Yes
Yes
Yes
63
4.5 to
5.5
-40 to
85
LQFP80
(14×14 mm)
TMPM377FYFG **
80
3
1
11
8
2
2
5
Yes
Yes
Yes
Yes
63
LQFP80
(12×12 mm)
TMPM380FYDFG
40
2
2
5
2
18
8
1
(Note 1)
2
3
2
16
1
Yes
Yes
Yes
Yes
Yes
84
4.0 to
5.5
QFP100
(14×20 mm)
TMPM380FYFG
40
2
2
5
2
18
8
1
(Note 1)
2
3
2
16
1
Yes
Yes
Yes
Yes
Yes
84
LQFP100
(14×14 mm)
TMPM341FYXBG **
32K
54
4
1
5
2
15
2
12
12
2
Yes
Yes
86
(Note 4)
1.65 to
3.6
TFBGA113
(6×6 mm)
TMPM366FYFG
48K
48
4
3
2
1
2
1
12
10
10
2
Yes
74
(Note 2)
2.7 to
3.6
LQFP100
(14×14 mm)
TMPM366FYXBG
48
4
3
2
1
2
1
12
10
10
2
Yes
74
TFBGA109
(9×9 mm)
TMPM367FYFG **
66K
80
31
3
4
2
3
1
8
2
8
1
(Note 1)
1
4
1
14
4
1
Yes
Yes
Yes
Yes
60
LQFP100
(14×14 mm)
TMPM367FYXBG **
80
31
3
4
2
3
1
8
2
8
1
(Note 1)
1
4
1
14
4
1
Yes
Yes
Yes
Yes
60
TFBGA109
(9×9 mm)
TMPM369FYFG **
80
31
342
31111
16
2
8
1
(Note 1)
2
4
2
16
4
1
Yes
Yes
Yes
Yes
102
LQFP144
(20×20 mm)
TMPM369FYXBG **
80
31
342
31111
16
2
8
1
(Note 1)
2
4
2
16
4
1
Yes
Yes
Yes
Yes
102
TFBGA177
(11×11 mm)
TMPM330FDFG
512K
32K
40
3
3
12
10
1
2
8
1
Yes
Yes
78
-20 to
85
LQFP100
(14×14 mm)
TMPM330FDWFG
40
3
3
12
10
1
2
8
1
Yes
Yes
78
-40 to
85
TMPM333FDFG
40
3
3
12
10
8
1
Yes
Yes
78
-20 to
85
TMPM341FDXBG
54
4
1
5
2
15
2
12
12
2
Yes
Yes
86
(Note 4)
1.65 to
3.6
-40 to
85
TFBGA113
(6×6 mm)
TMPM376FDDFG **
80
4
1
22
8
2
2
16
Yes
Yes
Yes
Yes
82
4.5 to
5.5
QFP100
(14×20 mm)
TMPM376FDFG **
80
4
1
22
8
2
2
16
Yes
Yes
Yes
Yes
82
LQFP100
(14×14 mm)
TMPM366FDFG
64K
48
4
3
2
1
2
1
12
10
10
2
Yes
74
(Note 2)
2.7 to
3.6
TMPM366FDXBG
48
4
3
2
1
2
1
12
10
10
2
Yes
74
TFBGA109
(9×9 mm)
TMPM367FDFG **
128K
80
31
3
4
2
3
1
8
2
8
1
(Note 1)
1
4
1
14
4
1
Yes
Yes
Yes
Yes
60
LQFP100
(14×14 mm)
TMPM367FDXBG **
80
31
3
4
2
3
1
8
2
8
1
(Note 1)
1
4
1
14
4
1
Yes
Yes
Yes
Yes
60
TFBGA109
(9×9 mm)
TMPM369FDFG **
80
31
342
31111
16
2
8
1
(Note 1)
2
4
2
16
4
1
Yes
Yes
Yes
Yes
102
LQFP144
(20×20 mm)
TMPM369FDXBG **
80
31
342
31111
16
2
8
1
(Note 1)
2
4
2
16
4
1
Yes
Yes
Yes
Yes
102
TFBGA177
(11×11 mm)
–
21 –
Note 1) The motor controller channel is multiplexed with the multi-purpose timer (MPT).
Note 2) 3.0 to 3.6 V when USB is used.
Note 3) 48 MHz when USB is used.
Note 4) Part of the peripheral blocks (external bus interface and SSP) can continue to operate even when the supply voltage drops below 2.7 V.
• All products on this page incorporate a watchdog timer, a clock gear and an on-chip debug unit.
• Contact the Toshiba sales representative for information about RoHS compliance before you purchase any components.
• For detailed product specifications, see appropriate datasheets.
**: Under development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com