Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPM382FSFG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMPM382FSFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM382FSFG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMPM382FSFG Datasheet HTML 3Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 4Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 5Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 6Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 7Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 8Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 9Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 10Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
A sample application using Barcode Read Control
CCD trigger
output
ADC
#2
8 ch
0.5 s 1.0 s
CCD data
output
PMD
2 ch
12-bit ADC
12-bit ADC
SIO/UART
I2C/SIO
RAM
NANO
FLASHTM
ARM
CortexTM-M3
USB 2.0
Device
USB 2.0
Host
EtherMAC
CAN 2.0
SSP
(SPImode)
M
M
Data 2
Data 4
Data 6
Data 1
Data 3
ADC
#1
Data 5
Trigger
Timer
SW
The TMPM369 contains 2 units of ADC. Their combined use provides high-speed AD conversion. While a single ADC offers a
minimum conversion time of 1.0 s at 80 MHz, applying an analog signal to 2 units of ADC and using them in a time-interleaved
manner significantly reduces the conversion time required*.
*0.5 s minimum (design target)
High-speed AD conversion – Using 2 units of AD converter
The TMPM369 has various external communication interfaces such as USB device, USB host, CAN, EtherMAC, SIO/UART,
I2C/SIO and SSP (SPI mode). Additionally, the TMPM369 contains 2 units of AD converter and a programmable motor driver
(PMD). All of them are designed to operate independently, significantly reducing the software workload. The TMPM369 provides
Flash ROM of up to 512 KB and SRAM of up to 128 KB to facilitate the use of the various communication interfaces.
Controls various interfaces independently – Contributing to reduction of the CPU workload
Features of the TMPM369FDFG/XBG (Under Development) and TMPM369FYFG/XBG (Under Development)
–
7 –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com