Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPM384FDFG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TMPM384FDFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM384FDFG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TMPM384FDFG Datasheet HTML 1Page - Toshiba Semiconductor TMPM384FDFG Datasheet HTML 2Page - Toshiba Semiconductor TMPM384FDFG Datasheet HTML 3Page - Toshiba Semiconductor TMPM384FDFG Datasheet HTML 4Page - Toshiba Semiconductor TMPM384FDFG Datasheet HTML 5Page - Toshiba Semiconductor TMPM384FDFG Datasheet HTML 6Page - Toshiba Semiconductor TMPM384FDFG Datasheet HTML 7Page - Toshiba Semiconductor TMPM384FDFG Datasheet HTML 8Page - Toshiba Semiconductor TMPM384FDFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
M330 Group
M320 Group
M390 Group
M360 Group
M340 Group
M370 Group
M380
Group
Product Groups with a 3-V Supply (Note 1)
TX03 Series Common Functions
Automotive Applications
Product Groups with a 5-V Supply (Note 1)
Features
USB host controller
System solutions that combine a MCU and an
audio DSP
Application examples
Car and home audio systems
USB-Host
Features
Dedicated controller compliant with HDMI 1.3a (CEC)
Remote control signal preprocessor essential for
digital consumer electronics
Application examples
Digital TVs, projectors, Blu-ray recorders,
AV systems, printers, home appliances,
factory equipment, office equipment
Power-saving modes
CEC controller
Features
Power-saving modes for 1.8-V operation
High-speed on-chip oscillator
Small package (6 x 6 mm TFBGA120)
Application examples
Power supply monitors, battery-operated devices,
remote-controlled equipment, game consoles,
AV systems
1.8-V operation
Features
Large-capacity Flash memory
Up to 7 communications interfaces
(SIO, I2C, SPI, UART, CAN, USB, EtherMAC)
Programmable Motor Driver (PMD)
Multi-purpose timer capable of IGBT control
Small package (9 x 9 mm TFBGA109)
Application examples
Printers, AV systems, digital appliances,
PC peripherals, industrial equipment,
networking equipment, office equipment
Multiple serial interfaces
Features
High-accuracy analog control interface
Small package (6 x 6 mm TFBGA113)
High-resolution PPG ideal for motor control
Application examples
DVCs, DSLR cameras, camera lens controllers
High-resolution PPG
Features
Toshiba-original vector engine (VE)
Single 5-V supply operation with high market
demands
System solutions that combine an MCU with motor
drivers
Small package (7 x 7 mm LQFP48)
Application examples
Washing machines, air conditioners, refrigerators,
heat pumps, inverter-motor-controlled equipment
On-chip vector engine
Features
Multi-purpose timers for motor and IGBT control
Single 5-V supply operation with high market
demands
System solutions that combine an MCU with
various peripheral ICs
Application examples
Air conditioners, refrigerators, electric oven-grills,
rice cookers, induction cooktops
Multi-purpose timers
for IGBT control
M350 Group
Features
Programmable Motor Driver (PMD), CAN
controllers, timers, 12-bit AD converter, crossbar
switches, functional safety capabilities and 5-V I/Os
Application examples
Electric power steering (EPS) systems and other
automotive applications
Automotive Applications
Features
Advanced PMD (A-PMD), VE, CAN controllers,
timers, 12-bit AD converters, resolver-to-digital
converter, crossbar switches, functional safety
capabilities and 5-V I/O
Application examples
HEV, EV and other automotive applications
M350
M354
High-speed operating clock (80 MHz or higher)
Large-capacity Flash ROM (1 MB or more)
On-chip DRAM
CAN
USB device/host
EtherMAC
Motor control
Vector Engine
Low-voltage operation (1.8 V or higher)
Single 5-V power supply
High-accuracy analog IP (Note 2)
Functions for audiovisual and home appliances (Note 3)
Compact package (Note 5)
External bus interface
JTAG boundary scan
Note 1: There are microcontrollers that do not contain some of the peripherals shown. For details, see appropriate datasheets.
Note 2: Contains either analog circuitry for motor control or a 12-bit AD converter.
Note 3: Contains a Consumer Electronics Control (CEC) unit, a remote control signal preprocessor or an I2S interface.
Note 4: Ultrasonic motor controller
Note 5: 9 x 9 mm or smaller packages
(Note 4)
M390
Group
M320
Group
M330
Group
M340
Group
M350
Group
M360
Group
M370
Group
M380
Group
CortexTM-M3 core
High-speed writing by NANO-FlashTM technology
On-chip debug function
ETM (embedded trace macro cell)
Except some microcontrollers in the M370 Group
Watchdog timer
Added Functions (Note 1)
–
3 –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com