Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPM320C1DFG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TMPM320C1DFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM320C1DFG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TMPM320C1DFG Datasheet HTML 7Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 8Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 9Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 10Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 11Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 12Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 13Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 14Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Display section
System control unit
Input unit
LENS
Zoom
Motor
EEPROM
The video camera unit and the video recorder
unit are controlled by a single chip microcontroller.
Analog Front End
Camera
DSP
Memory Card
USB
IEEE 1394 In-out
LCD panel
LCDC
OPAMP
Key
Motor
Drive
HDMI Tx
HDMI Out
DECK
System
Microcontroller
TMPM395
TMPM390
Flash
Audio
Video
CEC
Signal
Processor
for DVC
Large-scale software to control
the camera unit and the recorder
unit is contained. System control
interface (high-pin count), high
performance and low-power
consumption.
Zzz...
Reduces standby
power to as low
as 0.14 mW.
SLEEP Mode
Returns to Normal
mode on reception of
CEC/remote control
signals.
TMP89FM42UG
TMP91FW27UG
MCU Power Consumption When an AV System is in Standby Mode
(When CEC and remote control
signal preprocessor are active)
TMPM390FWFG
80
70
60
50
40
30
20
10
0
72.5 mW
43 mW
Reduced to
1/518
Reduced to
1/307
0.14 mW
Significant Reduction of Standby Power
The 1.8-V low-power mode of the M390 Group makes it ideal for battery-operated applications. The on-chip high-speed,
high-accuracy oscillator helps reduce product costs. The M390 Group are available in standard and small packages.
High-performance ARM CortexTM-M3 core: 20-MHz operation (max)
Toshiba-original NANO FLASHTM memory: Fast programming
1.8-V low-power (RTC) mode (1.3 A typ.)
Various serial interfaces
CEC interface and remote control signal preprocessor that remain active even in
low-power mode
On-chip high-speed oscillator (9.91 MHz ± 3% @ 0 to 70˚C)
Oscillation frequency detection (OFD); compliant with the IEC 60730 standard
Small package (6 x 6 mm TFBGA120) Note: TMPM395FWAXBG only
Health care equipment
Game consoles
AV systems
Power monitoring devices
Battery-operated devices
Remote-controlled equipment
Audiovisual systems must be able to receive Consumer Electronics Control (CEC) commands and remote control signals even when they are off.
While the predecessor microcontrollers, the TLCS-900/L1 and TLCS-870/C Series, need to keep these functions in normal operating mode even
when off, the M390 Group of microcontrollers can do them in low-power mode at 32.768 kHz, significantly reducing standby power consumption.
Product Lineup
System Block Diagram (Digital Video Camera)
Low-Power MCUs
TMPM390FWFG **
TMPM395FWAXBG
Part Number
128 KB
128 KB
8 KB
8 KB
LQFP100 (14 x 14 mm)
TFBGA120 (6 x 6 mm)
ROM (Flash)
Size
RAM
Size
Package
Housed in a small package.
1.8-V low-power (RTC) mode (1.3 A typ.)
1.8-V low-power (RTC) mode (1.3 A typ.)
Features
**: Under development
Features
Application
–
11 –
M390 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com