Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPM367FDFG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TMPM367FDFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM367FDFG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TMPM367FDFG Datasheet HTML 4Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 5Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 6Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 7Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 8Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 9Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 10Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 11Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AC
100 V
Protection
Circuit
Motor Driver/
Motor controller
IPD
LED
Water
Supply
Valve
Softener
Supply
Valve
Bath
Water
Pump
Drain
Valve
Motor
Photocoupler
Phototriac
coupler
Phototriac
coupler
Phototriac
coupler
Phototriac
coupler
Phototriac
coupler
Diode
Position Sensing
Air Blower Fan
(DC Motor)
DC Motor
Circulating
Pump
Dryer
Heater 2
Dryer
Heater 1
Operating modes
(standard, spin-dry, hand-wash, pre-wash soak, memory)
LCD/LED display (clock/timer)
Water flow setting
Start/stop
Inverter control
Automatic washing cycle control
Washing
Rinsing
Spin-drying
Timer control
Water level setting
Water flow setting
Automatic power-off
Dryer Control
Surge
Absorber
EEPROM
(Data Control)
Photocoupler
Inverter Control Circuit
Drain Valve Motor, Water Supply Valve,
Softener Supply Valve, Bath Water Pump
IGBT/MOSFET Driver
Indicator
Operation Panel Control
Motor Control
Dryer fan
Power
Switch
Motor Driver/
Motor controller
IPD
Circulating Pump
TMPM370/TMPM372
TMPM373/TMPM374
TMPM376/TMPM377
TMP89FW20A
TMP89FW24A
Power
Switch
Washing machines
Air conditioners
Refrigerators
Heat pumps
Pumps, compressors, air blowers
Other rotating devices
**: Under development
The M370 Group of microcontrollers contain a Vector Engine (VE) that implements the common computation functionality for
motor vector control. Additionally, the VE is closely coupled with a three-phase PWM timer and a 12-bit AD converter for
motor current sensing. The M370 Group are designed to improve motor control efficiency while reducing software workload.
The M370 Group operate with a single 5-V supply and provide analog comparators and amplifiers to help cut system costs.
High-performance ARM CortexTM-M3 core: 80-MHz operation (max)
Toshiba-original NANO FLASHTM memory: Fast programming
Toshiba-original Vector Engine (VE) that implements part of motor vector control as hardware
Various analog circuits* (comparators, op amps) * TMPM370 only
12-bit AD converter
Oscillation frequency detection (OFD); compliant with the IEC 60730 standard
Single 5-V power supply
Small package (7 x 7 mm LQFP48) Note: TMPM373FWDUG only
Product Lineup
System Block Diagram (Washing Machine)
TMPM370FYFG
TMPM370FYDFG
TMPM372FWUG **
TMPM373FWDUG **
TMPM374FWUG
TMPM376FDFG **
TMPM376FDDFG **
TMPM377FYFG **
TMPM377FYDFG **
Part Number
256 KB
256 KB
10 KB
LQFP100 (14 x 14 mm)
10 KB
QFP100 (14 x 20 mm)
128 KB
128 KB
128 KB
512 KB
512 KB
256 KB
256 KB
6 KB
6 KB
6 KB
32 KB
32 KB
16 KB
16 KB
LQFP64 (10 x 10 mm)
LQFP48 (7 x 7 mm)
LQFP44 (10 x 10 mm)
LQFP100 (14 x 14 mm)
QFP100 (14 x 20 mm)
LQFP80 (12 x 12 mm)
LQFP80 (14 x 14 mm)
ROM (Flash)
Size
RAM
Size
Package
Low-pin-count MCUs for single motor control
Ideal for compressor control for refrigerators, etc.
Features
Capable of controlling two motors for a wide range of inverter applications.
Contributing to the system cost reduction by incorporating various analog circuits
Capable of controlling two motors for a wide range of inverter applications.
Features
Application
8
M370 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com