Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNI4140K Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNI4140K
Description  Quad high-side smart power solid-state relay
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI4140K Datasheet(HTML) 5 Page - STMicroelectronics

  VNI4140K Datasheet HTML 1Page - STMicroelectronics VNI4140K Datasheet HTML 2Page - STMicroelectronics VNI4140K Datasheet HTML 3Page - STMicroelectronics VNI4140K Datasheet HTML 4Page - STMicroelectronics VNI4140K Datasheet HTML 5Page - STMicroelectronics VNI4140K Datasheet HTML 6Page - STMicroelectronics VNI4140K Datasheet HTML 7Page - STMicroelectronics VNI4140K Datasheet HTML 8Page - STMicroelectronics VNI4140K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
VNI1440K
Maximum ratings
Doc ID 14174 Rev 10
5/25
2
Maximum ratings
2.1
Thermal data
Table 2.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
41
V
-VCC
Reverse supply voltage
-0.3
V
IGND
DC ground reverse current
-250
mA
IOUT
Output current (continuos)
Internally limited
A
IR
Reverse output current (per channel)
-5
A
IIN
Input current (per channel)
± 10
mA
VIN
Input voltage
+VCC
V
VSTAT
Status pin voltage
+VCC
V
ISTAT
Status pin current
± 10
mA
VESD
Electrostatic discharge (R = 1.5 k
Ω; C = 100 pF)
2000
V
EAS
Single pulse avalanche energy per channel not
simultaneously
300
mJ
PTOT
Power dissipation at Tc = 25 °C
Internally limited
W
TJ
Junction operating temperature
Internally limited
° C
TSTG
Storage temperature
-55 to 150
° C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth(JC)
Thermal resistance junction-case (1)
1.
Per channel
Max
2
°C/W
Rth(JA)
Thermal resistance junction-ambient
Max
see Figure 11
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com