Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF3442VT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MGSF3442VT1
Description  N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF3442VT1 Datasheet(HTML) 2 Page - Motorola, Inc

  MGSF3442VT1 Datasheet HTML 1Page - Motorola, Inc MGSF3442VT1 Datasheet HTML 2Page - Motorola, Inc MGSF3442VT1 Datasheet HTML 3Page - Motorola, Inc MGSF3442VT1 Datasheet HTML 4Page - Motorola, Inc MGSF3442VT1 Datasheet HTML 5Page - Motorola, Inc MGSF3442VT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MGSF3442VT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 10 µA)
V(BR)DSS
20
Vdc
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 70°C)
IDSS
1.0
5.0
µAdc
Gate–Body Leakage Current (VGS = ± 8.0 Vdc, VDS = 0)
IGSS
±100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
VGS(th)
0.6
Vdc
Static Drain–to–Source On–Resistance
(VGS = 4.5 Vdc, ID = 4.0 A)
(VGS = 2.5 Vdc, ID = 3.4 A)
rDS(on)
0.058
0.072
0.070
0.095
Ohms
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 5.0 V)
Ciss
90
pF
Output Capacitance
(VDS = 5.0 V)
Coss
50
Transfer Capacitance
(VDG = 5.0 V)
Crss
10
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
10 Vd
I
1 0 A
td(on)
8.0
20
ns
Rise Time
(VDD = 10 Vdc, ID = 1.0 A,
tr
24
40
Turn–Off Delay Time
( DD
, D
,
VGEN = 10 V, RL = 10 Ω)
td(off)
36
60
Fall Time
tf
10
20
Gate Charge
QT
nC
SOURCE–DRAIN DIODE CHARACTERISTICS
Continuous Current
IS
1.0
A
Pulsed Current
ISM
5.0
A
Forward Voltage(2)
VSD
1.2
V
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com