Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB301X Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3 SuperSpeed USB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CYUSB301X Datasheet HTML 21Page - Cypress Semiconductor CYUSB301X Datasheet HTML 22Page - Cypress Semiconductor CYUSB301X Datasheet HTML 23Page - Cypress Semiconductor CYUSB301X Datasheet HTML 24Page - Cypress Semiconductor CYUSB301X Datasheet HTML 25Page - Cypress Semiconductor CYUSB301X Datasheet HTML 26Page - Cypress Semiconductor CYUSB301X Datasheet HTML 27Page - Cypress Semiconductor CYUSB301X Datasheet HTML 28Page - Cypress Semiconductor CYUSB301X Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *L
Page 25 of 40
Synchronous Slave FIFO Write Sequence Description
■ FIFO address is stable and the signal SLCS# is asserted
■ External master or peripheral outputs the data to the data bus
■ SLWR# is asserted
■ While the SLWR# is asserted, data is written to the FIFO and
on the rising edge of the PCLK, the FIFO pointer is incremented
■ The FIFO flag is updated after a delay of t WFLG from the rising
edge of the clock
The same sequence of events is also shown for burst write
Note For the burst mode, SLWR# and SLCS# are asserted for
the entire duration, during which all the required data values are
written. In this burst write mode, after the SLWR# is asserted, the
data on the FIFO data bus is written to the FIFO on every rising
edge of PCLK. The FIFO pointer is updated on each rising edge
of PCLK.
Short Packet: A short packet can be committed to the USB host
by using the PKTEND#. The external device or processor should
be designed to assert the PKTEND# along with the last word of
data and SLWR# pulse corresponding to the last word. The
FIFOADDR lines must be held constant during the PKTEND#
assertion.
Zero-Length Packet: The external device or processor can
signal a Zero-Length Packet (ZLP) to FX3 simply by asserting
PKTEND#, without asserting SLWR#. SLCS# and address must
be driven as shown in Figure 12 on page 25.
FLAG Usage: The FLAG signals are monitored for flow control
by the external processor. FLAG signals are outputs from FX3
that may be configured to show empty, full, or partial status for a
dedicated thread or the current thread that is addressed.
Figure 12. Synchronous Slave FIFO Write Mode
Synchronous Write Cycle Timing
PCLK
FIFO ADDR
tCYC
tCH
tCL
tAS
SLCS
SLWR
Data IN
High-Z
DN(An)
tDH
tDS tDH
tDS
tDH
tWRS
tWRH
tPEH
PKTEND
DN(Am)
DN+1(Am) DN+2(Am)
SLOE
(HIGH)
An
Am
tAH
tPES
FLAGA
dedicated thread FLAG for An
(1 = Not Full 0= Full)
tCFLG
FLAGB
current thread FLAG for Am
(1 = Not Full 0= Full)
tCFLG
3 cycle latency from SLWR# to FLAG
3 cycle latency from SLWR # to FLAG
PCLK
FIFO ADDR
tCYC
tCH
tCL
tAS
SLCS
SLWR
(HIGH)
Data IN
High-Z
PKTEND
SLOE
(HIGH)
An
tAH
FLAGA
dedicated thread FLAG for An
(1 = Not Full 0= Full)
FLAGB
current thread FLAG for Am
(1 = Not Full 0= Full)
tPEH
tPES
Synchronous ZLP Write Cycle Timing
tCFLG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com