Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVC270 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC270
Description  Varactor Diode for FM Receiver Electronic Tuning Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC270 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC270_09 Datasheet HTML 1Page - Sanyo Semicon Device SVC270_09 Datasheet HTML 2Page - Sanyo Semicon Device SVC270_09 Datasheet HTML 3Page - Sanyo Semicon Device SVC270_09 Datasheet HTML 4Page - Sanyo Semicon Device SVC270_09 Datasheet HTML 5Page - Sanyo Semicon Device SVC270_09 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SVC270
No. A0076-1/6
Features
•
Twin type varactor diode having an excellent large input characteristic, for use in FM electronic tuning applications
•
Small MCPH package permits SVC270-applied sets to be compact and slim
•
Possible to be shipped in tape reel packaging, which facilitates automatic insertion
•
High Q
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7019A-002
Ordering number : ENA0076A
72512 TKIM/91505VR MSIM TB-00001761
SANYO Semiconductors
DATA SHEET
SVC270
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Anode
2 : Anode
3 : Cathode
SANYO : MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
V4
TL
SVC270-TL-E
1
3
2
Diffused Junction Type Silicon Diode
Varactor Diode for FM Receiver Electronic
Tuning Applications


Similar Part No. - SVC270_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SVC270-TL-E ONSEMI-SVC270-TL-E Datasheet
332Kb / 6P
Monolithic dual Varactor Diode
September, 2013
logo
List of Unclassifed Man...
SVC270D-05B ETC1-SVC270D-05B Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC270D-05B SAMWHA-SVC270D-05B Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC270D-07B ETC1-SVC270D-07B Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC270D-07B SAMWHA-SVC270D-07B Datasheet
2Mb / 10P
SVC Varistors Type
More results

Similar Description - SVC270_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC201SPA SANYO-SVC201SPA Datasheet
76Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC203SPA SANYO-SVC203SPA Datasheet
125Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC222 SANYO-SVC222 Datasheet
19Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC236 SANYO-SVC236 Datasheet
27Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230_12 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC236 SANYO-SVC236_12 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC270 SANYO-SVC270_12 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com